Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51L580-40-P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VRS51L580-40-P
Description  Versa 8051 MCUs with 32/64KB
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51L580-40-P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VRS51L580-40-P Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 11Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 12Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 13Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 14Page - List of Unclassifed Manufacturers VRS51L580-40-P Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
VRS51x570/580
______________________________________________________________________________________________
www.ramtron.com
page 11 of 49
Input/Output Ports
The VRS51x570 and VRS51x580 have a total of 36 bi-
directional I/O lines grouped into four 8-bit I/O ports
and one 4-bit I/O port. These I/Os can be individually
configured as inputs or outputs.
With the exception of the P0 I/Os, which are of the
open drain type, each I/O is made of a transistor
connected to ground and a weak pull-up resistor.
Writing a 0 in a given I/O port bit register will activate
the transistor connected to Vss and bring the I/O to a
LOW level.
Writing a 1 into a given I/O port bit register de-activates
the transistor between the pin and ground. In this case
the pull-up resistor will bring the corresponding pin to a
HIGH level.
To use a given I/O as an input, a 1 must be written into
its associated port register bit. By default, upon reset
all I/Os are configured as inputs.
General Structure of an I/O Port
The following elements establish the link between the
core unit and the pins of the microcontroller:
Special Function Register (same name as port)
Output Stage Amplifier (the structure of this
element varies with its auxiliary function)
From the following figure, one can see that the D flip-
flop stores the value received from the internal bus
after receiving a write signal from the core. Also, note
that the Q output of the flip-flop can be linked to the
internal bus by executing a read instruction.
This is how one would read the content of the register.
It is also possible to link the value of the pin to the
internal bus. This is done by the “read pin” instruction.
In short, the user may read the value of the register or
the pin.
FIGURE 6: INTERNAL STRUCTURE OF ONE OF THE EIGHT I/O PORT LINES
D Flip-Flop
Output
Stage
Q
Q
IC Pin
Read Register
Internal Bus
Write to
Register
Read Pin
Structure of the P1, P2, P3 and P4
The following figure provides a general idea of the
structure of the P1, P2, P3 and P4 ports. Note that the
intermediary logic that connects the output of the
register and the output stage together is not shown
because this logic varies with the auxiliary function of
each port.
FIGURE 7: GENERAL STRUCTURE OF THE OUTPUT STAGE OF P1, P2 AND P3
D Flip-Flop
Q
Q
IC Pin
Read Register
Internal Bus
Write to
Register
Read Pin
Vcc
Pull-up
Network
X1
Each line may be used independently as a logical
input or output. When used as an input, as mentioned
earlier, the corresponding port register bit must be
high.
Structure of Port 0
The internal structure of P0 is shown below. The
auxiliary function of this port requires a particular logic.


Similar Part No. - VRS51L580-40-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51L540-25-L ETC1-VRS51L540-25-L Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-L-G ETC1-VRS51L540-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-LG ETC1-VRS51L540-25-LG Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P ETC1-VRS51L540-25-P Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P-G ETC1-VRS51L540-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
More results

Similar Description - VRS51L580-40-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Fujitsu Component Limit...
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
   32-bit MCUs with ARM Cortex-M3 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com