Electronic Components Datasheet Search |
|
RMDVB1-9PH003L Datasheet(PDF) 10 Page - ITT Industries |
|
RMDVB1-9PH003L Datasheet(HTML) 10 Page - ITT Industries |
10 / 11 page Plug MD Glass-filled Diallyl Phthalate Plastic Insulator MDV Glass-filled Polyester Plastic Insulator Solder Pot Solder Pot Receptacle .022 (0.56) MAX. .022 (0.56) MAX. .093 ± .005 (2.36 ± 0.13) .093 ± .005 (2.36 ± 0.13) A A E E .130 (3.30) MAX. .210 (5.33) .204 (5.18) MAX. .185 (4.69) MAX. .375 (9.52) MAX. .356 (9.04) MAX. .065 (1.65) MAX. .065 (1.65) MAX. .170 (4.32) .170 (4.32) MAX. D D B B C C PCB ordering information - page 30 SERIES-INSULATOR STYLE-MATERIAL SERIES-INSULATOR STYLE-MATERIAL MD - Clip mounting -Diallyl phthalate MDV - Clip mounting-Polyester H - Insulated solid or stranded wire L - Uninsulated solid wire S - Solder pot to accept #26 AWG max. harness wire. No designator - No hardware - standard mounting .091 (2.31) hole diameter Not available in clip mounting. See page 79 and 81for additional codes. * ** (H) 001 - 18", 7/34 strand, #26 AWG, MIL-W-16878/4, Type E Teflon, Yellow. (H) 003 - 18", 7/34 strand, #26 AWG, MIL-W-16878/4, Type E Teflon, color coded to MIL-STD-681 System I. (L) 1 - 1/2" uninsulated solid #25 AWG gold plated copper. (L) 2 - 1" uninsulated solid #25 AWG gold plated copper. 1 - .050 (1.27) centers 9-15-21-25-31*-37-51. See page 7 P - Pin S - Socket CONTACT SPACING CONTACT ARRANGEMENT CONTACT TYPE CONTACT SPACING CONTACT ARRANGEMENT CONTACT TYPE TERMINATION TYPE TERMINATION TYPE TERMINATION CODE** TERMINATION CODE LOCKING HARDWARE MD 1- 9 P H 001 P RoHS COMPLIANCE R 37 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Micro-D Plastic Shell - .050" Contact Spacing MD/MDV Part Number by Shell Size MD1-9P** MD1-9S** MD1-15P** MD1-15S** MD1-21P** MD1-21S** MD1-25P** MD1-25S** MD1-37P** MD1-37S** MD1-51P** MD1-51S** MDV1-9-P** MDV1-9S** MDV1-15P** MDV1-15S** MDV1-21P** MDV1-21S** MDV1-25P** MDV1-25S** MDV1-37P** MDV1-37S** MDV1-51P** MDV1-51S** A Max. B Max. C Max. D Max. E Max. Avg. Weight*** ±5% (oz.)/±5% (gm.) .512 (13.00) .512 (13.00) .662 (16.81) .662 (16.81) .812 (20.62) .812 (20.62) .912 (23.16) .912 (23.16) 1.212 (30.78) 1.212 (30.78) 1.162 (29.51) 1.162 (29.51) Add lead type and length, see Part Number Explanation. Weight given is with 1/2", uninsulated solid #25 AWG gold plated copper pigtails. ** *** .292 (7.42) .376 (9.55) .442 (11.23) .526 (13.36) .592 (15.04) .676 (17.17) .692 (17.58) .776 (19.71) .992 (25.20) 1.076 (27.33) .942 (23.93) 1.026 (26.06) .405 (10.29) .405 (10.29) .555 (14.10) .555 (14.10) .705 (17.91) .705 (17.91) .805 (20.45) .805 (20.45) 1.105 (28.07) 1.105 (28.07) 1.055 (26.80) 1.055 (26.80) .170 (4.32) .170 (4.32) .170 (4.32) .170 (4.32) .170 (4.32) .170 (4.32) .170 (4.32) .170 (4.32) .170 (4.32) .170 (4.32) .213 (5.41) .213 (5.41) .215 (5.46) .215 (5.46) .215 (5.46) .215 (5.46) .215 (5.46) .215 (5.46) .215 (5.46) .215 (5.46) .215 (5.46) .215 (5.46) .258 (6.55) .258 (6.55) .026 (0.73) .026 (0.73) .038 (1.10) .035 (1.00) .053 (1.50) .050 (1.40) .063 (1.80) .056 (1.60) .086 (2.45) .076 (2.15) .109 (3.10) .093 (2.65) How to Order With Clip Mounting Slots |
Similar Part No. - RMDVB1-9PH003L |
|
Similar Description - RMDVB1-9PH003L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |