Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51L560-40-L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VRS51L560-40-L
Description  Versa 8051 MCUs with 8/16KB Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51L560-40-L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VRS51L560-40-L Datasheet HTML 2Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS51L560-40-L Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
VRS51x550/560
______________________________________________________________________________________________
www.ramtron.com
page 6 of 40
Special Function Registers (SFR)
Addresses 80h to FFh of the SFR address space can be accessed in direct addressing mode only. The following table
lists the VRS51x550/560 special function registers.
TABLE 6: SPECIAL FUNCTION REGISTERS (SFR)
SFR
Register
SFR
Adrs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Value
P0
80h
-
-
-
-
-
-
-
-
SP
81h
-
-
-
-
-
-
-
-
DPL
82h
-
-
-
-
-
-
-
-
DPH
83h
-
-
-
-
-
-
-
-
Reserved
84h
PCON
87h
SMOD
-
-
-
GF1
GF0
PDOWN
IDLE
00000000b
TCON
88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000b
TMOD
89h
GATE1
C/T1
M1.1
M0.1
GATE0
C/T0
M1.0
M0.0
00000000b
TL0
8Ah
-
-
-
-
-
-
-
-
TL1
8Bh
-
-
-
-
-
-
-
-
TH0
8Ch
-
-
-
-
-
-
-
-
TH1
8Dh
-
-
-
-
-
-
-
-
P1
90h
-
-
-
-
-
-
-
-
SCON
98h
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00000000b
SBUF
99h
-
-
-
-
-
-
-
-
WDTCON
9Fh
WDTE
-
WDCLR
-
-
WDPS2
WDPS1
WDPS0
0*0**000b
P2
A0h
-
-
-
-
-
-
-
-
IE
A8h
EA
-
ET2
ES
ET1
EX1
ET0
EX0
00000000b
P3
B0h
-
-
-
-
-
-
-
-
IP
B8h
-
-
PT2
PS
PT1
PX1
PT0
PX0
00000000b
SYSCON
BFh
WDRESET
-
-
-
-
ALEI
0******0b
T2CON
C8h
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00000000b
RCAP2L
CAh
-
-
-
-
-
-
-
-
00000000b
RCAP2H
CBh
-
-
-
-
-
-
-
-
TL2
CCh
-
-
-
-
-
-
-
-
TH2
CDh
PSW
D0h
CY
AC
F0
RS1
RS0
OV
-
P
00000000b
ACC
E0h
-
-
-
-
-
-
-
-
B
F0h
-
-
-
-
-
-
-
-


Similar Part No. - VRS51L560-40-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51L540-25-L ETC1-VRS51L540-25-L Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-L-G ETC1-VRS51L540-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-LG ETC1-VRS51L540-25-LG Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P ETC1-VRS51L540-25-P Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P-G ETC1-VRS51L540-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
More results

Similar Description - VRS51L560-40-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
logo
Generalplus Technology ...
GPM8F3716B GENERALPLUS-GPM8F3716B Datasheet
2Mb / 86P
   16KB Flash 8051 Microcontroller
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com