Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8230 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 8230
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

8230 Datasheet(HTML) 4 Page - California Eastern Labs

  8230 Datasheet HTML 1Page - California Eastern Labs 8230 Datasheet HTML 2Page - California Eastern Labs 8230 Datasheet HTML 3Page - California Eastern Labs 8230 Datasheet HTML 4Page - California Eastern Labs 8230 Datasheet HTML 5Page - California Eastern Labs 8230 Datasheet HTML 6Page - California Eastern Labs 8230 Datasheet HTML 7Page - California Eastern Labs 8230 Datasheet HTML 8Page - California Eastern Labs 8230 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (TA =+25 C, unless otherwise specified)
9
10
8
6
5
4
3
7
2
0
2.0
3.0
4.0
1
2.5
3.5
9
10
8
6
5
4
3
7
2
0
0
1.0
3.0
1
0.5
1.5
2.0
2.5
24
22
20
18
16
14
1 500
1 550
1 600
1 525
1 575
VCC = VPS
RF = off
VCC = 3 V
RF = off
VCC = VPS = 3 V
1.6
1.4
1.2
0.8
0.6
0
1 500
1 550
1 600
1 525
1 575
VCC = VPS = 3 V
1.0
0.4
0.2
24
22
20
18
16
14
–50
25
100
–25
75
VCC = VPS = 3 V
fin = 1 575 MHz
0
50
1.6
1.4
1.2
0.8
0.6
0
VCC = VPS = 3 V
fin = 1 575 MHz
1.0
0.4
0.2
–50
25
100
–25
75
0
50
TA = +85 C
–40 C
+25 C
TA = +85 C
–40 C
+25 C
TA = –40 C
+85 C
+25 C
TA = +85 C
–40 C
+25 C
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
CIRCUIT CURRENT vs.
POWER-SAVING VOLTAGE
Power-Saving Voltage VPS (V)
Frequency fin (MHz)
POWER GAIN vs. FREQUENCY
Frequency fin (MHz)
NOISE FIGURE vs. FREQUENCY
Operating Ambient Temperature TA ( C)
POWER GAIN vs. OPERATING
AMBIENT TEMPERATURE
NOISE FIGURE vs. OPERATING
AMBIENT TEMPERATURE
Operating Ambient Temperature TA ( C)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10612EJ01V0DS
4
PC8230TU


Similar Part No. - 8230

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8230 BOURNS-8230 Datasheet
225Kb / 2P
   Conformal Coated RF Choke
logo
Mallory performance clu...
8230 MALLORY-8230 Datasheet
225Kb / 2P
   MSD Single Tower Coil with Isolated Ground
logo
Bourns Electronic Solut...
8230-00-RC BOURNS-8230-00-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230-02-RC BOURNS-8230-02-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230-04-RC BOURNS-8230-04-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
More results

Similar Description - 8230

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com