Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51L560-40-P-G Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VRS51L560-40-P-G
Description  Versa 8051 MCUs with 8/16KB Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51L560-40-P-G Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VRS51L560-40-P-G Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 11Page - List of Unclassifed Manufacturers VRS51L560-40-P-G Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
VRS51x550/560
______________________________________________________________________________________________
www.ramtron.com
page 8 of 40
Description of Peripherals
System Control Register
The SYSCON register is used for system control and is
described in the following table.
The WDRESET bit (7) indicates whether the system
has been reset due to overflow of the watchdog timer.
Bit 0 of the SYSCON register is the ALE output inhibit
bit. Setting this bit to 1 will inhibit the Fosc/6 clock
signal output to the ALE pin.
TABLE 8: SYSTEM CONTROL REGISTER (SYSCON) – SFR BFH
7
6
5
4
3
2
1
0
WDRESET
Unused
XRAME
ALEI
Bit
Mnemonic
Description
7
WDRESET
This is the watchdog timer reset bit. It
will be set to 1 when the reset signal
generated by WDT overflows.
6
Unused
-
5
Unused
-
4
Unused
-
3
Unused
-
2
Unused
-
1
Unused
-
0
ALEI
ALE output inhibit bit, which is used to
reduce EMI.
Power Control Register
VRS51x550/560 devices provide two power saving
modes: Idle and Power Down. These two modes serve
to reduce the power consumption of the device.
In Idle mode, the processor is stopped but the oscillator
continues to run. The contents of the RAM, I/O state
and SFR registers are maintained and the timer and
external interrupts are left operational. The processor
will be woken up when an external event, triggering an
interrupt, occurs.
In Power Down mode, the VRS51x550/560 oscillator
and peripherals are disabled. The contents of the RAM
and the SFR registers, however, are maintained.
The minimum VCC in Power Down mode is 2V.
These power saving modes are controlled by the
PDOWN and IDLE bits of the PCON register at
address 87h.
TABLE 9: POWER CONTROL REGISTER (PCON) - SFR 87H
7
6
5
4
3
2
1
0
Unused
RAM1
RAM0
Bit
Mnemonic
Description
7
SMOD
1: Double the baud rate of the serial port
frequency that was generated by Timer 1.
0: Normal serial port baud rate generated by
Timer 1.
6
5
4
3
GF1
General Purpose Flag
2
GF0
General Purpose Flag
1
PDOWN
Power Down mode control bit
0
IDLE
Idle mode control bit


Similar Part No. - VRS51L560-40-P-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51L540-25-L ETC1-VRS51L540-25-L Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-L-G ETC1-VRS51L540-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-LG ETC1-VRS51L540-25-LG Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P ETC1-VRS51L540-25-P Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51L540-25-P-G ETC1-VRS51L540-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
More results

Similar Description - VRS51L560-40-P-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
logo
Generalplus Technology ...
GPM8F3716B GENERALPLUS-GPM8F3716B Datasheet
2Mb / 86P
   16KB Flash 8051 Microcontroller
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com