Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761631 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN761631
Description  RF FRONT END FOR AM/FM IF SAMPLING RADIO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761631 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN761631 Datasheet HTML 3Page - Texas Instruments SN761631 Datasheet HTML 4Page - Texas Instruments SN761631 Datasheet HTML 5Page - Texas Instruments SN761631 Datasheet HTML 6Page - Texas Instruments SN761631 Datasheet HTML 7Page - Texas Instruments SN761631 Datasheet HTML 8Page - Texas Instruments SN761631 Datasheet HTML 9Page - Texas Instruments SN761631 Datasheet HTML 10Page - Texas Instruments SN761631 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS
Voltage-Controlled Oscillator
Crystal Oscillator
PLL Synthesizer
SN761631
RF FRONT END FOR AM/FM IF SAMPLING RADIO
SLES182 – OCTOBER 2006
V
CC = 8.5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fosc
Oscillator frequency
159.9
248.2
MHz
C/N
Carrier-to-noise ratio
F = 200 MHz at 10 KHz, B = 1 Hz
97
dBc
V
CC = 8.5 V, TA = 25°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
F_xtal
Oscillator frequency
20.5
MHz
Va_xtal
Crystal voltage
190
mV
Rin_Xtal
Real part of input impedance
–250
V
CC = 8.5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Np
Programmable divider ratio
1024
32767
Charge Pump
Isink
Charge pump_1 sink current
Weather band mode
0.875
µA
Isource
Charge pump_1 source current
Weather band mode
–0.875
µA
Isink
Charge pump_1 sink current
MW/LW
1.01
mA
Isource
Charge pump_1 source current
MW/LW
–1.01
mA
Isink
Charge pump_1 sink current
AM/SW band
0.875
mA
Isource
Charge pump_1 sink current
AM/SW band
–0.875
mA
Isink
Charge pump_2 sink current
FM JPN/STD/EE
0.42
mA
Isource
Charge pump_2 source current
FM JPN/STD/EE
–0.42
mA
Charge Pump/High Current
Isink
Low charge pump_3 sink current
FM JPN/STD
3.3
mA
Isource
Low charge pump_3 source current
FM JPN/STD
–3.3
mA
7
Submit Documentation Feedback


Similar Part No. - SN761631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
SN761633RTAR TI-SN761633RTAR Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
SN761634 TI-SN761634 Datasheet
419Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
SN761634 TI1-SN761634 Datasheet
273Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
SN761634RTWR TI1-SN761634RTWR Datasheet
273Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
More results

Similar Description - SN761631

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
   RF front-end for AM/FM DSP car-radio with IF sampling
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
   RF front-end for AM/FM DSP car-radio with IF sampling
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
NXP Semiconductors
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
   RF/IF circuit for AM/FM radio
September 1987
logo
ATMEL Corporation
ATR4262M1 ATMEL-ATR4262M1 Datasheet
230Kb / 12P
   Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515 Datasheet
80Kb / 5P
   RF-FRONTEND FOR AM/FM-DSP-CARRADIOS WITH IF SAMPLING
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com