Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2006PWE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74GTL2006PWE4
Description  13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2006PWE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74GTL2006PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 9Page - Texas Instruments SN74GTL2006PWE4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74GTL2006PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
More results

Similar Description - SN74GTL2006PWE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com