Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS128K8-85DRC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WMS128K8-85DRC
Description  128Kx8 MONOLITHIC SRAM, SMD 5962-96691
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS128K8-85DRC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WMS128K8-85DRC Datasheet HTML 1Page - White Electronic Designs Corporation WMS128K8-85DRC Datasheet HTML 2Page - White Electronic Designs Corporation WMS128K8-85DRC Datasheet HTML 3Page - White Electronic Designs Corporation WMS128K8-85DRC Datasheet HTML 4Page - White Electronic Designs Corporation WMS128K8-85DRC Datasheet HTML 5Page - White Electronic Designs Corporation WMS128K8-85DRC Datasheet HTML 6Page - White Electronic Designs Corporation WMS128K8-85DRC Datasheet HTML 7Page - White Electronic Designs Corporation WMS128K8-85DRC Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2
2
2
2
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
White Electronic Designs
WMS128K8-XXX
Parameter
Parameter
Parameter
Parameter
Parameter
Sym
Sym
Sym
Sym
Sym
Conditions
Conditions
Conditions
Conditions
Conditions
-70
-70
-70
-70
-70
-85
-85
-85
-85
-85
-100
-100
-100
-100
-100
-120
-120
-120
-120
-120
Units
Units
Units
Units
Units
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
10
10
10
µA
Output Leakage Current
ILO
CS = VIH, OE = VIH, VOUT = GND to VCC
10
10
10
10
µA
Operating Supply Current
ICC
CS = VIL, OE = VIH, f = 5MHz, Vcc = 5.5
30
30
30
30
mA
StandbyCurrent
ISB
CS = VIH, OE = VIH, f = 5MHz, Vcc = 5.5
5
5
5
5
mA
Output Low Voltage
VOL
IOL = 2.1mA, Vcc = 4.5
0.4
0.4
0.4
0.4
V
Output High Voltage
VOH
IOH = -1.0mA, Vcc = 4.5
2.4
2.4
2.4
2.4
V
ABSOLUTE MAXIMUM RATINGS
TRUTH TABLE
RECOMMENDED OPERATING CONDITIONS
P
PP
PParameter
arameter
arameter
arameter
arameter
Symbol
Symbol
Symbol
Symbol
Symbol
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
Vcc+0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
P
PP
PParameter
arameter
arameter
arameter
arameter
Symbol
Symbol
Symbol
Symbol
Symbol
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
DC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, TA = -55°C TO +125°C)
DATA RETENTION CHARACTERISTICS
(TA = -55°C TO +125°C)
C
C
C
C
CS
S
S
S
S
OE
OE
OE
OE
OE
WE
WE
WE
WE
WE
Mode
Mode
Mode
Mode
Mode
Data I/O
Data I/O
Data I/O
Data I/O
Data I/O
P
PP
PPower
ower
ower
ower
ower
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Out Disable
High Z
Active
L
X
L
Write
Data In
Active
Parameter
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Symbol
Conditions
Conditions
Conditions
Conditions
Conditions
-70
-70
-70
-70
-70
-85
-85
-85
-85
-85
-100
-100
-100
-100
-100
-120
-120
-120
-120
-120
Units
Units
Units
Units
Units
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Data Retention
Supply Voltage
VDR
CS
≥ VCC -0.2V
2.0
5.5
2.0
5.5
2.0
5.5
2.0
5.5
V
Data Retention
Current
ICCDR1
VCC = 3V
1
1
1
1
mA
CAPACITANCE
(TA = +25°C)
Parameter
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Symbol
Condition
Condition
Condition
Condition
Condition
Package
Package
Package
Package
Package
Max
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Unit
Input capacitance
CIN
VIN = 0V, f = 1.0MHz
32 Pin CSOJ, DIP,
12
pF
Flat Pack Evolutionary
32 Pin CSOJ Revolutionary
20
pF
Output capicitance
COUT
VOUT = 0V, f = 1.0MHz
32 Pin CSOJ, DIP,
12
pF
Flat Pack Evolutionary
32 Pin CSOJ Revolutionary
20
pF
This parameter is guaranteed by design but not tested.
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V


Similar Part No. - WMS128K8-85DRC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS128K8V-15CC ETC1-WMS128K8V-15CC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CCA ETC1-WMS128K8V-15CCA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CI ETC1-WMS128K8V-15CI Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CIA ETC1-WMS128K8V-15CIA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CLC ETC1-WMS128K8V-15CLC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
More results

Similar Description - WMS128K8-85DRC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com