Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK40-48-15S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SK40-48-15S
Description  Encapsulated DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SK40-48-15S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SK40-48-15S Datasheet HTML 1Page - List of Unclassifed Manufacturers SK40-48-15S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encapsulated DC-DC Converter
SK40 SERIES
40 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
PRELIMINARY
ELECTRICAL SPECIFICATIONS
Model No.
SK40-48-1.8S
SK40-48-2.5S
SK40-48-3.3S
SK40-48-5S
SK40-48-12S
SK40-48-15S
SK40-48-24S
Max. output wattage (W)
40W
40W
40W
40W
40W
40W
40W
Input voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output voltage (V.DC.)
1.8V / 8000mA
2.5V / 8000mA
3.3V / 8000mA
5V / 8000mA
12V / 3333mA
15V / 2666mA
24V / 1666mA
Efficiency (%)
80%
83%
85%
87%
87%
88%
89%
Model No.
( Single Output )
SK40-48-1.8S
SK40-48-2.5S
SK40-48-3.2S
SK40-48-5S
SK40-48-12S
SK40-48-15S
SK40-48-24S
Max output wattage (W)
40W
40W
40W
40W
40W
40W
40W
Input
Input filter
π type
Voltage (V.DC.)
1.8
2.5
3.3
5
12
15
24
Voltage accuracy
±1%
±1%
±1%
±1%
±1%
±1%
±1%
Current (mA) max
8000
8000
8000
8000
3333
2666
1666
Line regulation (HL-LL) (typ.)
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
Load regulation (10-100%) (typ.)
±1%
±1%
±1%
±1%
±1%
±1%
±1%
Ripple
<0.2% Vout +20mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching frequency
400KHz
400KHz
400KHz
400KHz
400KHz
400KHz
400KHz
Over current protection
Works over 120% of rating and recovers automatically.
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Hiccup, auto-recovery
Voltage
1600 VDC.
Resistance
10
9 ohms
Isolation
Capacitance
1000 pF
Operating temperature
-25°C…+71°C
Storage temperature
-55°C…+105°C
Case temperature
+95°C max.
Temperature coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2 x 1.6 x 0.42 Inches (50.0 x 40.0x 10.67 mm)
Case Material
Nickel-Coated Copper with Non-Conductive base, six-side shielded.
Weight
50 g
Physical
Cooling method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Modules for PCB Mounting
Six-sided Continuous Shield
High Efficiency
Standard Package
2-Year Product Warranty


Similar Part No. - SK40-48-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SK40-48-15S ARCH-SK40-48-15S Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
SK40-48-15S ARCH-SK40-48-15S Datasheet
272Kb / 3P
   Power Module for PCB Mountable
More results

Similar Description - SK40-48-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com