Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-622DF-T12-451 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MF-622DF-T12-451
Description  SONET/SDH TRANSMITTER & RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-622DF-T12-451 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF-622DF-T12-451 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x
MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
OPTICAL CHARACTERISTICS
Parameter
Specification
Unit
ITU code
S-4.1
L-4.1
L-4.2
Min.
Max.
Min.
Max.
Min.
Max.
Optical Budget
0
17
10
28.5
10
29
dB
Transmitter
Wavelength
1274
1356
1280
1335
1480
1580
nm
Optical source
MLM
SLM
SLM
-
Optical power at pigtail
-14
-8
-2.5
+2
-2
+2
dBm
Optical power when disable
-
-45
-
-45
-
-45
dBm
Spectral width(rms)
-
2.5
-
-
-
-
nm
Spectral width(-20dB)
-
-
-
1
-
1
nm
SMSR
-
-
30
-
30
-
dB
Extinction ratio
8.2
-
10
-
10
-
dB
Optical wave form
SONET/SDH Mask compliant
-
Path penalty
(dispersion=ITU-T compliant)
-1
-1
-
1
dB
Receiver
Min.
Typ.
Max.
Wavelength
1260
1580
nm
Sensitivity
-
-33
-31
dBm
Overload
-8
-3
-
dBm
ORDERING INFORMATION
Transmitter
Part number
ITU-code
Optical connector type
MF-622DF-T12-430
S-4.1
FC
MF-622DF-T12-431
S-4.1
SC
MF-622DF-T12-432
S-4.1
ST
MF-622DF-T12-450
L-4.1
FC
MF-622DF-T12-451
L-4.1
SC
MF-622DF-T12-452
L-4.1
ST
MF-622DF-T12-460
L-4.2
FC
MF-622DF-T12-461
L-4.2
SC
MF-622DF-T12-462
L-4.2
ST
Receiver
Part number
ITU-code
Optical connector type
MF-622DS-R13-240
STM-4
FC
MF-622DS-R13-241
STM-4
SC
MF-622DS-R13-242
STM-4
ST


Similar Part No. - MF-622DF-T12-451

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MF-0637A-50BL JMK-MF-0637A-50BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
   This EMI / RFI filter features a very small mechanical package.
MF-0637A-60BL JMK-MF-0637A-60BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MF-0637A-60BR JMK-MF-0637A-60BR Datasheet
61Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
More results

Similar Description - MF-622DF-T12-451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-156DF-T12-20X MITSUBISHI-MF-156DF-T12-20X Datasheet
85Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
NXP Semiconductors
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Applied Micro Circuits ...
CS3394 AMCC-CS3394 Datasheet
62Kb / 2P
   SONET/SDH/FEC OC-192 Receiver with EDC Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com