Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-622DF-T12-451 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF-622DF-T12-451
Description  SONET/SDH TRANSMITTER & RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-622DF-T12-451 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF-622DF-T12-451 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-622DF-T12-451 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-622DF-T12-43x/45x/46x
MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
DESCRIPTION
Transmitter uses uncooled laser in a hermetic pigtail
coaxial module with drivered by specific integrated
circuit.
Receiver uses PIN preamp in a hermetic pigtail
coaxial module and integrated circuits for reshaping,
retiming and regenerating optical signal.
FEATURES
SONET,SDH system from intra-office to long-
leach application fully line up
Low cost and Low power consumption
Multisourced 20-Pin DIP with pigtail fiber
Single +5V power supply and P-ECL compatible
input and output
Operating case temperature range -40 to 85
°C.
With clock recovery and digital alarm function
APPLICATION
Short haul and long haul telecommunication systems
for SDH STM-4 / SONET OC-12.
ABSOLUTE MAXIMUM RATINGS
Stress below listed absolute maximum rating may cause permanent damage to the module.
This is a stress only and functional operation of the module at these or any other conditions in excess of those
given in the operational sections of this data sheet.
Exposure to Absolute Maximum Rating for extended periods may affect module reliability.
Ta=25
°C
Parameters
Symbol
Ratings
Unit
Supply voltage
Vcc
+6 to 0
V
PECL high output current
-
-50 to 0
mA
PECL input voltage
-
0 to Vcc+0.4
V
Storage temperature
Tstg
-40 to 85
°C
Operating case temperature
Tc
-40 to 85
°C
Soldering Temperature
-
+260
°C
Soldering Time
-
10
sec
Relative humidity(non condensation)
-
10 to 80
%
Fiber bend radius from package
rF
32
mm


Similar Part No. - MF-622DF-T12-451

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MF-0637A-50BL JMK-MF-0637A-50BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
   This EMI / RFI filter features a very small mechanical package.
MF-0637A-60BL JMK-MF-0637A-60BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MF-0637A-60BR JMK-MF-0637A-60BR Datasheet
61Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
More results

Similar Description - MF-622DF-T12-451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-156DF-T12-20X MITSUBISHI-MF-156DF-T12-20X Datasheet
85Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
NXP Semiconductors
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Applied Micro Circuits ...
CS3394 AMCC-CS3394 Datasheet
62Kb / 2P
   SONET/SDH/FEC OC-192 Receiver with EDC Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com