Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD702D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGD702D
Description  CATV amplifier module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGD702D Datasheet(HTML) 5 Page - NXP Semiconductors

  BGD702D Datasheet HTML 1Page - NXP Semiconductors BGD702D Datasheet HTML 2Page - NXP Semiconductors BGD702D Datasheet HTML 3Page - NXP Semiconductors BGD702D Datasheet HTML 4Page - NXP Semiconductors BGD702D Datasheet HTML 5Page - NXP Semiconductors BGD702D Datasheet HTML 6Page - NXP Semiconductors BGD702D Datasheet HTML 7Page - NXP Semiconductors BGD702D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Mar 25
5
Philips Semiconductors
Product specification
CATV amplifier module
BGD702D
Table 3
Bandwidth 40 to 550 MHz; VB = 24 V; Tcase =35 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 493.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 548.5 MHz.
2. Measured according to DIN45004B:
fp = 540.25 MHz; Vp =Vo;
fq = 547.25 MHz; Vq =Vo −6 dB;
fr = 549.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 538.25 MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
18
19
dB
f = 550 MHz
19
dB
SL
slope cable equivalent
f = 40 to 550 MHz
1
3
dB
FL
flatness of frequency response
f = 40 to 550 MHz
−±0.3
dB
S11
input return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
18.5
dB
f = 160 to 320 MHz
17
dB
f = 320 to 550 MHz
16
dB
S22
output return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
18.5
dB
f = 160 to 320 MHz
17
dB
f = 320 to 550 MHz
16
dB
S21
phase response
f = 50 MHz
−45
+45
deg
CTB
composite triple beat
77 channels flat;
Vo = 44 dBmV;
measured at 547.25 MHz
−−69
dB
Xmod
cross modulation
77 channels flat;
Vo = 44 dBmV;
measured at 55.25 MHz
−−62
dB
CSO
composite second order distortion
77 channels flat;
Vo = 44 dBmV;
measured at 548.5 MHz
−−66
dB
d2
second order distortion
note 1
−−78
dB
Vo
output voltage
dim = −60 dB; note 2
69
dBmV
F
noise figure
f = 50 MHz
5.5
dB
f = 550 MHz
5.5
dB
Itot
total current consumption (DC)
note 3
400
435
mA


Similar Part No. - BGD702D

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD702D JMNIC-BGD702D_15 Datasheet
57Kb / 8P
   CATV amplifier module
BGD702D_2015 JMNIC-BGD702D_2015 Datasheet
57Kb / 8P
   CATV amplifier module
More results

Similar Description - BGD702D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com