Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDD20-05S3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WDD20-05S3
Description  DC-DC CONVERTER 15 ~ 20W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WDD20-05S3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WDD20-05S3 Datasheet HTML 1Page - List of Unclassifed Manufacturers WDD20-05S3 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDD20-05S3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC-DC CONVERTER
WDD20 SERIES
15 ~ 20W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
5
6
7
8
1
2
4
5.00 [0.20]
DIA 1.00 [0.04]
BOTTOM VIEW
40.64 [1.60]
50.80 [2.00]
17.78 [0.70]
2.54 [0.10]
5.08 [0.20]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
5.08 [0.20]
7.62 [0.30]
10.16 [0.40]
50.80 [2.00]
45.72 [1.80]
10.16 [0.4]
MECHANISM & PIN CONFIGURATION
mm [inch]
PHYSICAL CHARACTERISTICS
PIN ASSIGMENT
PIN NO.
1
2
4
5
6
7
8
SINGLE
Vi+
Vi-
S.D.
NO PIN
Vo+
Vo-
Trim
DUAL
Vi+
Vi-
S.D.
Vo+
com
Vo-
Trim
S.D. : REMOTE ON/OFF
Derating:
[TABLE 1]
0
NATURAL
CONVECTION
COOLING
100
100
-25
Ambient Temperture [℃]
70
60
CASE SIZE
50.8 x 40.6 x 10.2mm
2 x 1.6 x 0.4inches
CASE MATERIAL
Metal
WEIGHT
60 g


Similar Part No. - WDD20-05S3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-05S3 CHINFA-WDD20-05S3 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20-05S3 CHINFA-WDD20-05S3 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20-05S3U CHINFA-WDD20-05S3U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-05S3U CHINFA-WDD20-05S3U Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-05S3U CHINFA-WDD20-05S3U Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD20-05S3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LHE20-20B03 MORNSUN-LHE20-20B03 Datasheet
1Mb / 5P
   20W, AC-DC converter
logo
HY-LINE Power Component...
P20G123R3S HY-LINE-P20G123R3S Datasheet
813Kb / 4P
   20W DC-DC Converter P20G-Series
Rev: 12.11 f
logo
MORNSUN Science& Techno...
LDE20-20B03 MORNSUN-LDE20-20B03 Datasheet
1Mb / 6P
   20W, AC-DC converter
logo
HY-LINE Power Component...
P20Z12S33 HY-LINE-P20Z12S33 Datasheet
175Kb / 2P
   20W DC-DC Converter P20Z-Series
Rev: 5 / 2005 f
P20D123R3S HY-LINE-P20D123R3S Datasheet
334Kb / 3P
   20W DC-DC Converter P20D-Series
Rev: 03/10 f
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com