Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD16 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMD16
Description  Low VCEsat (BISS) transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMD16 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMD16 Datasheet HTML 1Page - NXP Semiconductors PUMD16 Datasheet HTML 2Page - NXP Semiconductors PUMD16 Datasheet HTML 3Page - NXP Semiconductors PUMD16 Datasheet HTML 4Page - NXP Semiconductors PUMD16 Datasheet HTML 5Page - NXP Semiconductors PUMD16 Datasheet HTML 6Page - NXP Semiconductors PUMD16 Datasheet HTML 7Page - NXP Semiconductors PUMD16 Datasheet HTML 8Page - NXP Semiconductors PUMD16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Simplifying design through increased functionality
By delivering more functionality from individual products, we help to
cut development times.With just a few small-signal discretes several
circuit blocks can be build and therewith the number of different
components on the bill-of-materials can be reduced significantly.
Our small-signal discretes portfolio offers power and performance
levels previously only associated with much larger packages allowing
you to replace medium-power products with more compact
alternatives. And because you can now get high-performance
transistors and diodes in low-cost small-signal packages, you can
significantly cut costs.Whether it’s superior ESD protection or
loadswitch functionality integrated into a single component,
our portfolio makes it easier to design a new system.
Automotive small-signal discretes solutions


Similar Part No. - PUMD16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD16 PHILIPS-PUMD16 Datasheet
52Kb / 7P
   NPN/PNP resistor-equipped transistors
2003 Oct 22
logo
Nexperia B.V. All right...
PUMD16 NEXPERIA-PUMD16 Datasheet
339Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PUMD16 NEXPERIA-PUMD16 Datasheet
125Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 47 k
Rev. 3 - 28 June 2011
PUMD16-Q NEXPERIA-PUMD16-Q Datasheet
238Kb / 11P
   50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 47 kΩ
8 March 2023
logo
NXP Semiconductors
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
More results

Similar Description - PUMD16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4230T PHILIPS-PBSS4230T Datasheet
47Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
logo
Nexperia B.V. All right...
PBSS4330X NEXPERIA-PBSS4330X Datasheet
421Kb / 13P
   NPN low VCEsat (BISS) transistor
2004 Dec 06
logo
NXP Semiconductors
PBSS4120T PHILIPS-PBSS4120T_15 Datasheet
267Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4130T PHILIPS-PBSS4130T_15 Datasheet
55Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Nov 27
PBSS4160T PHILIPS-PBSS4160T_15 Datasheet
370Kb / 10P
   NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4230T PHILIPS-PBSS4230T_15 Datasheet
275Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
logo
Nexperia B.V. All right...
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com