Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX2NE-67MPAW8S33A-37 Datasheet(PDF) 8 Page - ITT Industries

Part # DPX2NE-67MPAW8S33A-37
Description  Rack and Panel Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPX2NE-67MPAW8S33A-37 Datasheet(HTML) 8 Page - ITT Industries

Back Button DPX2NE-67MPAW8S33A-37 Datasheet HTML 4Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 5Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 6Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 7Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 8Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 9Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 10Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 11Page - ITT Industries DPX2NE-67MPAW8S33A-37 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ittcannon.com
32
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-81659 Rack and Panel Connectors
DPXNA/DPXNE
Contact and Termination Tooling Data - Military
Coaxial Contact Data
DPX*NE/NA
Components/Accessories
Wire Strip Dimensions
LITTLE CAESAR® contact retention assembly (W8M, 32W2M, 32W4M & 40W1M contact arrangements)
Part Number (P=Pin, S = Socket)
Without Seal††
With Seal
Contact
Arrangement
(Size 5 Coax)
(Size 9 Coax)
A152†††
A152†††
Seal 1
Seal 2
Cable Accommodation†
Ins. Dia.
Size/Max.
'A'Trim
Dim.
A176†††
Contact
Size
2222
030-1975-008
(M39029/11-144)
031-1113-008
(M39029/12-148)
22, 24, 26
M22520/2-01
M22520/2-01
MS-3191-1
M22520/1-01
MS-3191-1
M22520/1-01
M22520/2-23
M22520/2-08
Standard
M22520/1-02
Std. Locator
M22520/1-11
CIT-DPXMA-22
M81969/1-01
CIT-20
CET-20D-1
M81969/1-02
CIET-16
CIET-12
A106
10W3M,
32W2M,
32W4M,
40M,
40W1M,
45M,
57M,
67M,
D8M,
26M,
32W4M,
67M
D8M
20, 22, 24
16, 18, 20
12, 14
030-1892-004
(M39029/11-145)
031-1047-003
(M39029/12-149)
030-9083-012
(M39029/11-146)
031-1271-000
(M39029/12-150)
031-1059-003
(M39029/12-151)
030-1909-002
(M39029/11-147)
P-249-2071-000
S-249-2076-000
P-249-2072-000
S-249-2077-000
P-249-2073-000
S-249-2078-000
P-249-2074-000
S-249-2079-000
P-249-2075-000
S-249-2080-000
P-249-2081-000
S-249-2086-000
P-249-2082-000
S-249-2087-000
P-249-2083-000
S-249-2088-000
P-249-2084-000
S-249-2089-000
P-249-2085-000
S-249-2090-000
249-2071-001
249-2076-001
249-2072-001
249-2077-001
249-2073-001
249-2078-001
249-2074-001
249-2079-001
249-2075-001
249-2080-001
249-2081-001
249-2086-001
249-2082-001
249-2087-001
249-2083-001
249-2088-001
249-2084-001
249-2089-001
249-2085-001
249-2090-001
249-2101-000
249-2106-000
249-2102-000
249-2107-000
249-2103-000
249-2108-000
249-2104-000
249-2109-000
249-2105-000
249-2110-000
249-2111-000
249-2116-000
249-2112-000
249-2117-000
249-2113-000
249-2118-000
249-2114-000
249-2119-000
249-2115-000
249-2120-000
RG180
RG58
RG142
RG179
RG178
RG196
RG180
RG58
RG142
RG179
RG178U
RG196U
#22
#20HD
#16
#12
.130/.110(3.30/2.79)
.167/.147(4.24/3.73)
.270/.230(6.86/5.84)
.270/.230(6.86/5.84)
Wire Strip Dimension
A Dim.
RG195U
X
X
RG174, RG179,
RG316
X
RG195U
X
X
RG174, RG179,
RG316
X
.158 (4.01)
.196 (4.98)
.196 (4.98)
.111 (2.82)
.075 (1.90)
.158 (4.01)
.196 (4.98)
.196 (4.98)
.111 (2.82)
.075 (1.90)
.260(6.60)
.250(6.35)
.260(6.60)
.250(6.35)
.260(6.60)
.250(6.35)
.350(8.89)
.330(8.38)
.260(6.60)
.250(6.35)
.260(6.60)
.250(6.35)
.260(6.60)
.250(6.35)
.260(6.60)
.250(6.35)
.350(8.89)
.330(8.38)
.260(6.60)
.250(6.35)
2020HD
1616
1212
*Requires air line pressure of 80 to 100 PSI for CBT-600 and 120 PSI for CBT-600B.
32W2M
40W1M
36W7
33W4
W8M
32W4M
NOTES:
Coaxials without the seal accommodates both Seal 1 and Seal 2 cables.
Coaxials without the seal are utilized in DPX*NE connectors supplied less the grommet (modification code: - 29**) and DPX*NA connectors.
A152 modification code indicates .00005 (0.0010) gold plating on coaxial contacts. (Standard for the DPXNE/NA series.)
A176 modification code indicates .00002 (0.0005) gold plating on coaxial contacts.
Pin
Part Number
(Military
Equivalent)
Socket
Part Number
(Military
Equivalent)
Wire
Accom.
Crimp
Tool
Part
Number
Locator
Part
Number
Insertion/
Extraction
Tool
Layout Usage
DPX*
NE/NA
A
A
.610(15.49)
.590(14.99)
††
†††


Similar Part No. - DPX2NE-67MPAW8S33A-37

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPX2NE-67MPA106S-348-29 ITT-DPX2NE-67MPA106S-348-29 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results

Similar Description - DPX2NE-67MPAW8S33A-37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
   Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com