Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT9566X0080C2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CT9566X0080C2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CT9566X0080C2 Datasheet(HTML) 1 Page - Vishay Siliconix

  CT9566X0080C2 Datasheet HTML 1Page - Vishay Siliconix CT9566X0080C2 Datasheet HTML 2Page - Vishay Siliconix CT9566X0080C2 Datasheet HTML 3Page - Vishay Siliconix CT9566X0080C2 Datasheet HTML 4Page - Vishay Siliconix CT9566X0080C2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 40054
Revision 20-Oct-03
www.vishay.com
62
738D, CT9 (CECC 30202-004)
Vishay Tansitor
For technical questions, contact eurowettant@vishay.com
FEATURES
• Hermetic glass to tantalum seal
• High CV per unit volume
• Extremely low leakage current
• Wide temperature range: - 55 to + 175°C
• Improved reliability through the use of a glass-to- tantalum
true hermetic anode seal is the prime feature of the 738D
and CT9 sintered anode TANTALEX
® capacitor. This
construction eliminates all internal lead welds while
retaining the strength of internal lead-welded parts.
• The construction offers outstanding resistance to thermal
shock.
PERFORMANCE CHARACTERISTICS
Operating Temperature:
- 55°C to + 85°C and with
voltage derating to two-thirds the + 85°C rating at + 125°C.
Capable of + 175°C operation at reduced voltage. Use of
Type 135D capacitors for high temperature applications is
recommended.
Capacitance Tolerance: At 120 Hz, + 25°C. ± 20%
standard. ± 10%, ± 5% available as special.
DC Leakage Current (DCL Max.):
At + 25°C, + 85°C and + 125°C: Leakage current shall not
exceed the values listed in the Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000
hour life test at a temperature of + 85°C or + 125°C at the
applicable rated DC working voltage.
Wet Tantalum Capacitors
with Glass to Tantalum Hermetic Seal,
Sintered Anode TANTALEX
® Capacitors
ORDERING INFORMATION
CT9
738D
MODEL
226
CAPACITANCE
2
STYLE NUMBER
X0
CAPACITANCE
TOLERANCE
100
DC VOLTAGE RATING
AT + 85°C
B
CASE CODE
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20%
X9 = ± 10%
X5 = ± 5%
Special Order.
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an "R"
(6R3 = 6.3 volts).
See Ratings
and Case
Codes Table.
0 = Bare case.
2 = Outer plastic
film insulation.
6 = High temperature
film insulation
(above + 125°C).
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended
due to the unit weight.
APPROVALS
• CECC 30202-004 CT9 style


Similar Part No. - CT9566X0080C2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT9555F CT-CT9555F Datasheet
96Kb / 1P
   High Current Toroid Inductors
CT9555F-100-T CT-CT9555F-100-T Datasheet
96Kb / 1P
   High Current Toroid Inductors
CT9555F-101-T CT-CT9555F-101-T Datasheet
96Kb / 1P
   High Current Toroid Inductors
CT9555F-102-T CT-CT9555F-102-T Datasheet
96Kb / 1P
   High Current Toroid Inductors
CT9555F-120-T CT-CT9555F-120-T Datasheet
96Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - CT9566X0080C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com