Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET01LD1WKE Datasheet(PDF) 6 Page - ITT Industries

Part # ET01LD1WKE
Description  Sealed Subminiature Toggle Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ET01LD1WKE Datasheet(HTML) 6 Page - ITT Industries

  ET01LD1WKE Datasheet HTML 1Page - ITT Industries ET01LD1WKE Datasheet HTML 2Page - ITT Industries ET01LD1WKE Datasheet HTML 3Page - ITT Industries ET01LD1WKE Datasheet HTML 4Page - ITT Industries ET01LD1WKE Datasheet HTML 5Page - ITT Industries ET01LD1WKE Datasheet HTML 6Page - ITT Industries ET01LD1WKE Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
G–35
G
C&K ET Series
Sealed Subminiature Toggle Switches
CONTACT MATERIAL
SEAL
AVAILABLE HARDWARE
.312
(7,92)
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte tin over nickel plate.
NOTE: Any models supplied with Q, B , G, P or R contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
All models
with all options (except M3 actuator)
when ordered with G, L, R or Q contact material except with F1 conductive bushing.
E
EPOXY SEAL
Cap
PART NO.
706201000
WHITE
706202000
BLACK
706203000
RED
Material: Vinyl
Finish: Matte
NOTE: Other colors available,
consult Customer Service Center.
Actuator Shown In Pos. 1
PC MOUNTING
ET21MD1V3BE
DPDT
V3
VERTICAL MOUNT, V-BRACKET
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
ETX1 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
3 AMPS @120 V AC OR 28 V DC.
ALL OTHER MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
2 AMPS @ 120 V AC OR 28 V DC.
LOW LEVEL/DRY
CIRCUIT OR POWER
GOLD
3
TIN-LEAD 6
GOLD OVER
SILVER
2,3
G
L
ETX1 MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC.
POWER
SILVER
5
SILVER 4,5
Q
0.4 VA MAX. @ 20 V AC OR DC MAX.
GOLD 1
TIN-LEAD
6
GOLD 1
B
K
RATINGS
TERMINAL
PLATING
CONTACT
MATERIAL
OPTION
CODE
P
R
LOW LEVEL/
DRY CIRCUIT
MATTE TIN
6
7
YES
NO
YES
YES
YES
NO
YES
YES
YES
YES
YES
YES
YES
YES
RoHS
COMPLIANT
RoHS
COMPATIBLE
TERMINATIONS


Similar Part No. - ET01LD1WKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
ET01LD1WBE CK-COMPONENTS-ET01LD1WBE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET01LD1WBE1 CK-COMPONENTS-ET01LD1WBE1 Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET01LD1WBE2 CK-COMPONENTS-ET01LD1WBE2 Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET01LD1WPE CK-COMPONENTS-ET01LD1WPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET01LD1WPE1 CK-COMPONENTS-ET01LD1WPE1 Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
More results

Similar Description - ET01LD1WKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com