Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192923-5950 Datasheet(PDF) 2 Page - ITT Industries

Part # 192923-5950
Description  Cannon Trident Connector System Snap Together-Rectangular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192923-5950 Datasheet(HTML) 2 Page - ITT Industries

  192923-5950 Datasheet HTML 1Page - ITT Industries 192923-5950 Datasheet HTML 2Page - ITT Industries 192923-5950 Datasheet HTML 3Page - ITT Industries 192923-5950 Datasheet HTML 4Page - ITT Industries 192923-5950 Datasheet HTML 5Page - ITT Industries 192923-5950 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
Cannon Trident Connector System
Snap Together-Rectangular
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Contact Cavity Arrangements—Mating Face View
36 Way
Plug
Receptacle
24 Way
Plug
Receptacle
6 Way
12 Way
Plug
Receptacle
Plug
Receptacle
2 Way
3 Way
4 Way
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle


Similar Part No. - 192923-5950

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192923-5950 ITT-192923-5950 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Similar Description - 192923-5950

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
logo
FCI connector
86303641B FCI-CONNECTOR-86303641B Datasheet
59Kb / 1P
   SNAP TOGETHER
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com