Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI5256VE-100LB272I Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPLSI5256VE-100LB272I
Description  In-System Programmable 3.3V SuperWIDE High Density PLD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5256VE-100LB272I Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPLSI5256VE-100LB272I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 9Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 10Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 11Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 12Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 13Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 14Page - Lattice Semiconductor ISPLSI5256VE-100LB272I Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Specifications ispLSI 5256VE
11
Switching Test Conditions
Input Pulse Levels
Table 2-0003/5KVE
Input Rise and Fall Time
Input Timing Reference Levels
Ouput Timing Reference Levels
Output Load
GND to VCCIOmin
≤ 1.5ns 10% to 90%
1.5V
1.5V
See Figure 9
3-state levels are measured 0.5V from
steady-state active level.
Output Load Conditions (See Figure 9)
TEST CONDITION
R1
3.3V
2.5V
R2
CL
A
35pF
D
35pF
B
35pF
35pF
Active High
Slow Slew
Active Low
C
5pF
5pF
511Ω
511Ω
511Ω
475Ω
475Ω
475Ω
R1
R2
316Ω
316Ω
316Ω
348Ω
348Ω
348Ω
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2-0004A/5KVE
DC Electrical Characteristics for 3.3V Range
1
Over Recommended Operating Conditions
Figure 9. Test Load
VCCIO
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213D
VOL
SYMBOL
1. I/O voltage configuration must be set to VCC.
Table 2-0007/5KVE
VOH
VIH
VIL
PARAMETER
Output Low Voltage
Output High Voltage
Input High Voltage
Input Low Voltage
VCCIO = min, IOL = 8 mA
VCCIO = min, IOH = -4 mA
CONDITION
MIN.
TYP.
MAX.
UNITS
2.4
2.0
-0.3
0.4
5.25
0.8
V
V
VCCIO
I/O Reference Voltage
3.0
3.6
V
V
V


Similar Part No. - ISPLSI5256VE-100LB272I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
More results

Similar Description - ISPLSI5256VE-100LB272I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256V LATTICE-5256V Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com