Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK802 Datasheet(PDF) 2 Page - NEC

Part # 2SK802
Description  FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK802 Datasheet(HTML) 2 Page - NEC

  2SK802 Datasheet HTML 1Page - NEC 2SK802 Datasheet HTML 2Page - NEC 2SK802 Datasheet HTML 3Page - NEC 2SK802 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - 2SK802

ManufacturerPart #DatasheetDescription
logo
NEC
2SK800 NEC-2SK800 Datasheet
150Kb / 3P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK801 NEC-2SK801 Datasheet
154Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
logo
AiT Semiconductor Inc.
2SK801 AITSEMI-2SK801 Datasheet
610Kb / 6P
   MOSFET SMALL SIGNAL N-CHANNEL 60V, 310mA
REV1.0
logo
Inchange Semiconductor ...
2SK803 ISC-2SK803 Datasheet
66Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK804 ISC-2SK804 Datasheet
64Kb / 2P
   Fast Switching Speed
More results

Similar Description - 2SK802

ManufacturerPart #DatasheetDescription
logo
NEC
2SK735 NEC-2SK735 Datasheet
121Kb / 1P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK787 NEC-2SK787 Datasheet
173Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK819 NEC-2SK819 Datasheet
115Kb / 3P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK823 NEC-2SK823 Datasheet
147Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK720A NEC-2SK720A Datasheet
161Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK707 NEC-2SK707 Datasheet
371Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK854 NEC-2SK854 Datasheet
131Kb / 3P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK833 NEC-2SK833 Datasheet
142Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK810 NEC-2SK810 Datasheet
175Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
2SK827 NEC-2SK827 Datasheet
142Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com