Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1631S04 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA1631S04
Description  Single CMOS Comparator (Push Pull/Open Drain Output)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631S04 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA1631S04 Datasheet HTML 3Page - Renesas Technology Corp HA1631S04 Datasheet HTML 4Page - Renesas Technology Corp HA1631S04 Datasheet HTML 5Page - Renesas Technology Corp HA1631S04 Datasheet HTML 6Page - Renesas Technology Corp HA1631S04 Datasheet HTML 7Page - Renesas Technology Corp HA1631S04 Datasheet HTML 8Page - Renesas Technology Corp HA1631S04 Datasheet HTML 9Page - Renesas Technology Corp HA1631S04 Datasheet HTML 10Page - Renesas Technology Corp HA1631S04 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
HA1631S01/02/03/04 Series
Rev.1.00, 2003.08.08, page 7 of 22
Main Characteristics
7.0
0.0
0123
Supply Voltage VDD (V)
Figure 1-1 HA1631S01
Supply Current vs. Supply Voltage
(Output High)
Figure 1-3 HA1631S01
Supply Current vs. Ambient Temperature
Figure 1-2 HA1631S01
Supply Current vs. Supply Voltage
(Output Low)
Figure 1-4 HA1631S01
Output High Voltage vs. Output Source Current
456
–50
–25
0
25
Ambient Temperature Ta (˚C)
50
75
100
0123
Supply Voltage VDD (V)
456
010
20
Output Source Current IOSOURCE (mA)
30
40
Figure 1-5 HA1631S01
Output Low Voltage vs. Output Sink Current
010
20
Output Sink Current IOSINK (mA)
30
40
1.0
2.0
3.0
4.0
5.0
6.0
10.0
0.0
2.5
5.0
7.5
7.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Ta = 25˚C
VIN+ = 1.0V
VIN– = 0.0V
VDD = 5.0V
VDD = 3.0V
VDD = 1.8V
Ta = 25˚C
VIN+ = 0.0V
VIN– = 1.0V
Ta = 25˚C
VDD = 3.0V
Ta = 25˚C
VDD = 3.0V
4
–4
0123
Supply Voltage VDD (V)
Figure 1-6 HA1631S01
Input Offset Voltage vs. Supply Voltage
456
–3
–2
–1
0
1
2
3
Ta = 25˚C
VIN = VDD/2


Similar Part No. - HA1631S04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S04 RENESAS-HA1631S04 Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S04CM RENESAS-HA1631S04CM Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S04LP RENESAS-HA1631S04LP Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
More results

Similar Description - HA1631S04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com