Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNE18EEB Datasheet(PDF) 8 Page - ITT Industries

Part # ZNE18EEB
Description  Mains / Power Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZNE18EEB Datasheet(HTML) 8 Page - ITT Industries

  ZNE18EEB Datasheet HTML 1Page - ITT Industries ZNE18EEB Datasheet HTML 2Page - ITT Industries ZNE18EEB Datasheet HTML 3Page - ITT Industries ZNE18EEB Datasheet HTML 4Page - ITT Industries ZNE18EEB Datasheet HTML 5Page - ITT Industries ZNE18EEB Datasheet HTML 6Page - ITT Industries ZNE18EEB Datasheet HTML 7Page - ITT Industries ZNE18EEB Datasheet HTML 8Page - ITT Industries ZNE18EEB Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A–105
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K NE-18 Series
Mains / Power Switches
SOLID BUTTON
MECHANICAL BUTTON
F01
FA100
F21
F001
F02
FA101
01
BLACK
02
WHITE
03
RED
04
LT. GRAY
BLACK/CHROME
09
(F03,F06 & F07
buttons only
COLOR
OPTION CODE
STYLE
COLOR
SHELL COLOR
IN POSITION COLOR
STYLE
OUT POSITION COLOR
STYLE
STYLE
A


Similar Part No. - ZNE18EEB

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZNE1802B CK-COMPONENTS-ZNE1802B Datasheet
388Kb / 9P
   Power Switches
ZNE18OA01B CK-COMPONENTS-ZNE18OA01B Datasheet
388Kb / 9P
   Power Switches
ZNE18OA02B CK-COMPONENTS-ZNE18OA02B Datasheet
388Kb / 9P
   Power Switches
More results

Similar Description - ZNE18EEB

ManufacturerPart #DatasheetDescription
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
   NE-18 Series Mains / Power Switches
logo
ITT Industries
F0203 ITT-F0203 Datasheet
1,008Kb / 9P
   C K NE-18 Series Mains / Power Switches
logo
STMicroelectronics
AN2799 STMICROELECTRONICS-AN2799 Datasheet
381Kb / 14P
   Measuring mains power consumption
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
   MAINS INPUT FILTERS
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
   Power plug for the universal mains
1997 Mar 07
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
   Flat Mains Transformer
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com