Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNE18EE02B Datasheet(PDF) 7 Page - ITT Industries

Part # ZNE18EE02B
Description  Mains / Power Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZNE18EE02B Datasheet(HTML) 7 Page - ITT Industries

  ZNE18EE02B Datasheet HTML 1Page - ITT Industries ZNE18EE02B Datasheet HTML 2Page - ITT Industries ZNE18EE02B Datasheet HTML 3Page - ITT Industries ZNE18EE02B Datasheet HTML 4Page - ITT Industries ZNE18EE02B Datasheet HTML 5Page - ITT Industries ZNE18EE02B Datasheet HTML 6Page - ITT Industries ZNE18EE02B Datasheet HTML 7Page - ITT Industries ZNE18EE02B Datasheet HTML 8Page - ITT Industries ZNE18EE02B Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
A–104
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K NE-18 Series
Mains / Power Switches
SOLID BUTTON
F19
FA
F16
FE
F14
FU12
F13
FSD
F12 FSC
F02
FG
F01
FMR
F15
FSB
STYLE
01
BLACK
02
WHITE
03
RED
04
LT. GRAY
COLOR
OPTION CODE
A


Similar Part No. - ZNE18EE02B

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZNE1802B CK-COMPONENTS-ZNE1802B Datasheet
388Kb / 9P
   Power Switches
ZNE18OA01B CK-COMPONENTS-ZNE18OA01B Datasheet
388Kb / 9P
   Power Switches
ZNE18OA02B CK-COMPONENTS-ZNE18OA02B Datasheet
388Kb / 9P
   Power Switches
More results

Similar Description - ZNE18EE02B

ManufacturerPart #DatasheetDescription
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
   NE-18 Series Mains / Power Switches
logo
ITT Industries
F0203 ITT-F0203 Datasheet
1,008Kb / 9P
   C K NE-18 Series Mains / Power Switches
logo
STMicroelectronics
AN2799 STMICROELECTRONICS-AN2799 Datasheet
381Kb / 14P
   Measuring mains power consumption
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
   MAINS INPUT FILTERS
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
   Power plug for the universal mains
1997 Mar 07
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
   Flat Mains Transformer
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com