Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192900-0550 Datasheet(PDF) 9 Page - ITT Industries

Part # 192900-0550
Description  Cannon Trident Connector System Neptune Circular Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0550 Datasheet(HTML) 9 Page - ITT Industries

Back Button 192900-0550 Datasheet HTML 2Page - ITT Industries 192900-0550 Datasheet HTML 3Page - ITT Industries 192900-0550 Datasheet HTML 4Page - ITT Industries 192900-0550 Datasheet HTML 5Page - ITT Industries 192900-0550 Datasheet HTML 6Page - ITT Industries 192900-0550 Datasheet HTML 7Page - ITT Industries 192900-0550 Datasheet HTML 8Page - ITT Industries 192900-0550 Datasheet HTML 9Page - ITT Industries 192900-0550 Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
36
Cannon Trident Connector System
Neptune Circular Connectors
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Blanking Plugs
Blanking plugs are used to repair
damaged seals. If the membrane seal
is pierced in a position that is not
normally used, then the blanking
plug will restore the seal.
Note: Replacement membrane seals are also
available. Contact ITT for details.
Blanking Plugs for
Signal Cavities
Blanking Plugs for
Power Cavities
Part Number
Part Number
(Pack of 1000)
(Pack of 1000)
192991-0018
192991-0019
Discriminating (Keying)
Pins
Discriminating (keying) pins are used
to prevent cross-mating of similar con-
nectors. These pins are used in place of
a pin contact. The corresponding socket
cavity must be left open. If a socket
contact is present the discriminating
pin will prevent mating.
The discriminating pin is installed from
the mating side of the connector.
Part Number
Pin Type
(Pack of 25)
Signal
192990-0000
Power
192900-0189
Discriminating Pin Insertion
Prevents Cross - Mating
Spare Jam Nuts
Jam nut receptacles are packaged with
the jam nut included.
Part Number
Shell Size
(Pack of 100)
ØA max.
B Nom
C
14
192900-0489
36,00 (1.417)
31,00 (1.220)
6,00 (.236)
16
192900-0488
40,60 (1.598)
35,00 (1.378)
6,00 (.236)
24
192900-0487
56,80 (2.236)
49,00 (1.929)
7,00 (.275)


Similar Part No. - 192900-0550

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0000 ITT-192900-0000 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0001 ITT-192900-0001 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0002 ITT-192900-0002 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0003 ITT-192900-0003 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0411 ITT-192900-0411 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
More results

Similar Description - 192900-0550

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com