Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV111-1A Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # CV111-1A
Description  PCS/DCS-band High Linearity Downconverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV111-1A Datasheet(HTML) 3 Page - WJ Communication. Inc.

  CV111-1A Datasheet HTML 1Page - WJ Communication. Inc. CV111-1A Datasheet HTML 2Page - WJ Communication. Inc. CV111-1A Datasheet HTML 3Page - WJ Communication. Inc. CV111-1A Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 4 May 2006
CV111-1A
PCS/DCS-band High Linearity Downconverter
Product Information
The Communications Edge
TM
Downconverting Application Circuit: CV111-1APCB240
RF = 1800 – 2000 MHz, IF = 240 MHz
PCB Layout
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Bill of Materials
Ref. Desig.
Component
R1
13
Ω chip resistor, size 0805
R2, R3, R4, R5,
C2, C14
0
Ω chip resistor
R6, R7, R9, R10
470
Ω chip resistor
R8
2.2
Ω chip resistor
R11, R16
10
Ω chip resistor
C1, C3, C4, C5, C6
100 pF chip capacitor
C7, C9, C16
0.018
μF chip capacitor
C8, C10
1000 pF chip capacitor
C11
1.5 pF chip capacitor
C18, C12, C13, C15,
C21, F1, L5, L6, L8,
L10
Shown in silkscreen, but not
used in actual circuit.
C17
3.9 pF chip capacitor
L2
18 nH chip inductor
L3
120 nH chip inductor
L4
220 nH chip inductor, size 0805
L7
56 nH chip inductor
U1
CV111-1A WJ Converter
All components are of size 0603 unless otherwise specified.


Similar Part No. - CV111-1A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1AF WJCI-CV111-1AF Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1APCB240 WJCI-CV111-1APCB240 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
More results

Similar Description - CV111-1A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV111-1 ETC-CV111-1 Datasheet
254Kb / 4P
   PCS/DCS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV111-3A WJCI-CV111-3A_07 Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com