Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMDB1-25SS1L Datasheet(PDF) 4 Page - ITT Industries

Part # RMDB1-25SS1L
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDB1-25SS1L Datasheet(HTML) 4 Page - ITT Industries

  RMDB1-25SS1L Datasheet HTML 1Page - ITT Industries RMDB1-25SS1L Datasheet HTML 2Page - ITT Industries RMDB1-25SS1L Datasheet HTML 3Page - ITT Industries RMDB1-25SS1L Datasheet HTML 4Page - ITT Industries RMDB1-25SS1L Datasheet HTML 5Page - ITT Industries RMDB1-25SS1L Datasheet HTML 6Page - ITT Industries RMDB1-25SS1L Datasheet HTML 7Page - ITT Industries RMDB1-25SS1L Datasheet HTML 8Page - ITT Industries RMDB1-25SS1L Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
31
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro-D Plastic Shell - .050" Contact Spacing
MD*B-PCB
CBR Series (90˚ Mounting Narrow Profile)
+
+
54
2
1
1
3
5
7
24
10
12
14
16
17
19
21
23
25
27
29
30
18
20
22
26
28
31
2
4
6
8
9
11
13
15
1
3
5
7
24
10
12
14
16
17
19
21
23
25
27
29
30
32
34
36
18
20
22
26
28
31
33
35
37
2
4
6
8
9
11
13
15
1
3
5
7
24
10
12
14
16
17
19
21
23
25
27
29 46
43
41
30
32
34
36
37
38
39
40
44
45
42
47
48
49
50
51
18
20
22
26
28
31
33
35
2
4
6
8
9
11
13
15
98
3
7
6
2
4
5
7
86
12
3
1
9
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
17
17
14
14
21
21
23
25
20
20
22
24
19
19
18
18
16
16
15
15
13
13
12
12
10
11
13
14
15
LAST
CAV
A
C
B
D
E
.109 +_ .015
(3.77 +_ 0.38)
CAV.
#1
JACKPOST 2-56 UNC-2B
TYP.
.186 (4.72) PLUG
.199 (5.05) RECEPTACLE
9-15-21-25 VIEW
* FOR 31: 1.085 (27.56) MAX.
FOR 37: 1.185 (30.10) MAX.
FOR 51: 1.225 (31.12) MAX.
.096 +_ .005
(2.44 +_ 0.31) DIA. TYP
G
F
H
G
F
H
*
PCB Termination Arrangements (Viewed from bottom of connector, on PCB solder side.)
Indentification number shown for plug connector, use reverse order for socket connector.
.083
(2.11)
.020
(0.51)
.158 (4.00)
.020
(0.51)
.020
(0.51)
.183
(4.65)
.108
(2.73)
.050
(1.27)
.108
(2.73)
.100 (2.54)
TYP.
.050 (1.27)
TYP.
.020
(0.51)
.083
(2.11)
.020
(0.51)
.083 (2.11)
.020
(0.51)
9 Contacts
15 Contacts
21 Contacts
25 Contacts
51 Contacts
37 Contacts
31 Contacts
All Termination Configurations .100 (2.54) x .100 (2.54) Grid Pattern, Offset .050 (1.27)
* For jackpost locking add letter "P" or "M7".
NOTE: Standard lead termination is #24 AWG, solid copper, solder or tin dipped.
Part Number
By Shell Size
MD*B-9PCBR*
MD*B-9SCBR*
MD*B-15PCBR*
MD*B-15SCBR*
MD*B-21PCBR*
MD*B-21SCBR*
MD*B-25PCBR*
MD*B-25SCBR*
MD*B-31PCBR*
MD*B-31SCBR*
MD*B-37PCBR*
MD*B-37SCBR
MD*B-51PCBR*
MD*B-51SCBR
.788 (20.01)
.788 (20.01)
.938 (23.82)
.938 (23.82)
1.088 (27.63)
1.088 (27.63)
1.188 (30.17)
1.188 (30.17)
1.338 (33.98)
1.338 (33.98)
1.488 (37.79)
1.488 (37.79)
1.438 (36.52)
1.438 (36.52)
.565 (14.35)
.565 (14.35)
.715 (18.16)
.715 (18.16)
.865 (21.97)
.865 (21.97)
.965 (24.51)
.965 (24.51)
1.115 (28.32)
1.115 (28.32)
1.265 (32.13)
1.265 (32.13)
1.215 (30.86)
1.215 (30.86)
.292 (7.42)
.375 (9.52)
.442 (11.23)
.525 (13.34)
.592 (15.04)
.675 (17.14)
.692 (17.58)
.775 (19.68)
.842 (21.39)
.925 (23.50)
.994 (25.25)
1.075 (27.30)
.942 (23.93)
1.026 (26.06)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.258 (6.55)
.258 (6.55)
.134 (3.40)
.218 (5.54)
.134 (3.40)
.218 (5.54)
.134 (3.40)
.218 (5.54)
.134 (3.40)
.218 (5.54)
.134 (3.40)
.218 (5.54)
.134 (3.40)
.218 (5.54)
.177 (4.50)
.258 (6.55)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.520 (13.21)
.520 (13.21)
.550 (13.97)
.550 (13.97)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.300 (7.62)
.300 (7.62)
.230 (5.84)
.230 (5.84)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.150 (3.81)
.150 (3.81)
A
Max.
B
± .005 (0.13)
G
± .010 (0.25)
H
± .010 (0.25)
C
Max.
D
Max.
E
Max.
F
Max.


Similar Part No. - RMDB1-25SS1L

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDB1-25SS1L

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com