Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV111-3AF Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # CV111-3AF
Description  UMTS-band High Linearity Downconverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV111-3AF Datasheet(HTML) 1 Page - WJ Communication. Inc.

  CV111-3AF Datasheet HTML 1Page - WJ Communication. Inc. CV111-3AF Datasheet HTML 2Page - WJ Communication. Inc. CV111-3AF Datasheet HTML 3Page - WJ Communication. Inc. CV111-3AF Datasheet HTML 4Page - WJ Communication. Inc. CV111-3AF Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 5 May 2006
CV111-3A
UMTS-band High Linearity Downconverter
Product Information
The Communications Edge
TM
Product Features
High dynamic range downconverter
with integrated LO, IF, & RF amps
RF: 1900 – 2200 MHz
IF: 65 – 300 MHz
+38 dBm Output IP3
+21 dBm Output P1dB
5.3 dB Noise Figure
+5V Single supply operation
Pb-free 6mm 28-pin QFN package
Low-side LO configuration
Common footprint with other
PCS/ cellular versions
Product Description
The CV111-3A is a high linearity downconverter
designed to meet the demanding issues for performance,
functionality, and cost goals of current and next
generation mobile infrastructure basestations. It provides
high dynamic range performance in a low profile
surface-mount leadless package that measures 6 x 6 mm
square.
Functionality includes RF amplification, frequency
conversion and IF amplification, while an integrated LO
driver amplifier powers the passive mixer. The MCM is
implemented with reliable and mature GaAs MESFET
and InGaP HBT technology.
Typical applications include frequency down conversion,
modulation and demodulation for receivers used in
CDMA, CDMA2000, W-CDMA / IMT2000, GPRS, and
EDGE 2.5G mobile infrastructure technologies for
UMTS frequency bands.
Functional Diagram
Top View
Specifications
(1)
Parameters
Units
Min
Typ
Max
Comments
RF Frequency Range
MHz
1900 – 2200
LO Frequency Range
MHz
1600 – 2135
IF Center Frequency Range
MHz
65 – 300
See note 2
% Bandwidth around IF center frequency
%
±7.5
See note 3
IF Test Frequency
MHz
240
SSB Conversion Gain
dB
20
Temp = 25 °C
Gain Drift over Temp (-40 to 85 °C)
dB
±0.5
Referenced to +25 °C
Output IP3
dBm
+38
See note 4
Output IP2
dBm
+48
See note 4
Output 1dB Compression Point
dBm
+21
Noise Figure
dB
5.3
See note 5
LO Input Drive Level
dBm
-2.5
0
+2.5
LO-RF Isolation
dB
40
PLO = 0 dBm
LO-IF Isolation
dB
25
PLO = 0 dBm
Return Loss: RF Port
dB
14
Return Loss: LO Port
dB
14
Return Loss: IF Port
dB
14
Operating Supply Voltage
V
+4.9
+5
+5.1
Supply Current
mA
290
360
480
FIT Rating
failures/
1E9 hrs
72.1
@ 70
o C ambient, 90% confidence
Junction Temperature
°C
160
See note 6
1. Specifications when using the application specific circuit (shown on page 3) with a low side LO = 0 dBm in a downconverting application over the operating case temperature range.
2. IF matching components affect the center IF frequency. Proper component values for other IF center frequencies than shown can be provided by emailing to applications.engineering@wj.com.
3. The IF bandwidth of the converter is defined as 15% around any center frequency in its operating IF frequency range. The bandwidth is determined with external components. Specifications are valid around
the total ±7.5% bandwidth. ie. with a center frequency of 80 MHz, the specifications are valid from 80 ± 6 MHz.
4. Assumes the supply voltage = +5 V. OIP3 is measured with
Δf = 1 MHz with IF
out = 5 dBm / tone.
5. Assumes LO injection noise is filtered at the thermal noise floor, -174 dBm/Hz, at the RF, IF, and Image frequencies.
6. The maximum junction temperature ensures a minimum MTTF rating of 1 million hours of usage.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Storage Temperature
-55 to +125° C
DC Voltage
+6 V
Junction Temperature
+220 °C
RF Input (continuous)
+2 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
CV111-3AF
UMTS-band High Linearity Downconverter
(lead-free/RoHS-compliant 6x6mm QFN package)
CV111-3APCB75
Fully Assembled Eval. Board, IF = 75MHz
CV111-3APCB240 Fully Assembled Eval. Board, IF = 240MHz
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
IF Amp
RF Amp
LO Driver Amp
IF OUT
GND
GND
GND
BIAS
GND
LO IN
RF OUT
GND
GND
GND
GND
GND
MIXRF
RF
IF
LO


Similar Part No. - CV111-3AF

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV111-3AF WJCI-CV111-3AF Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
More results

Similar Description - CV111-3AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-3A WJCI-CV111-3A_07 Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A_07 Datasheet
282Kb / 4P
   Cellular-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com