Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV210-1A Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # CV210-1A
Description  Cellular-band Dual-Branch Downconverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV210-1A Datasheet(HTML) 6 Page - WJ Communication. Inc.

  CV210-1A Datasheet HTML 1Page - WJ Communication. Inc. CV210-1A Datasheet HTML 2Page - WJ Communication. Inc. CV210-1A Datasheet HTML 3Page - WJ Communication. Inc. CV210-1A Datasheet HTML 4Page - WJ Communication. Inc. CV210-1A Datasheet HTML 5Page - WJ Communication. Inc. CV210-1A Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj..com
Page 6 of 6 January 2006
CV210-1A
Cellular-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
CV210-1AF Mechanical Information
This package is lead-free/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded (maximum
245
°C reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be lasermarked with a
“CV210-1AF”
product
label
with
an
alphanumeric lot code on the top surface of the
package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class III
Value:
Passes
500V to <1000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin
FUNCTION
Pin
FUNCTION
1
No Connect
15
No Connect
2
GND
16
GND
3
LO Amp Bias
17
LO input
4
GND
18
GND
5
No Connect
19
No Connect
6
GND
20
GND
7
No Connect
21
+5 V
8
GND
22
GND
9
Channel 2 Mixer
IF/RF Port
(goes to diplexer)
23
Channel 1
IF Amp Output /
Bias
10
GND
24
GND
11
Channel 2
IF Amp Input
25
Channel 1
IF Amp Input
12
GND
26
GND
13
Channel 2
IF Amp
Output / Bias
27
Channel 2 Mixer
IF/RF Port
(goes to diplexer)
14
GND
28
GND


Similar Part No. - CV210-1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
More results

Similar Description - CV210-1A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com