Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET01J1AVK1 Datasheet(PDF) 1 Page - ITT Industries

Part # ET01J1AVK1
Description  Sealed Subminiature Rocker Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ET01J1AVK1 Datasheet(HTML) 1 Page - ITT Industries

  ET01J1AVK1 Datasheet HTML 1Page - ITT Industries ET01J1AVK1 Datasheet HTML 2Page - ITT Industries ET01J1AVK1 Datasheet HTML 3Page - ITT Industries ET01J1AVK1 Datasheet HTML 4Page - ITT Industries ET01J1AVK1 Datasheet HTML 5Page - ITT Industries ET01J1AVK1 Datasheet HTML 6Page - ITT Industries ET01J1AVK1 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
C&K ET Series
Sealed Subminiature Rocker Switches
Models Available
Features/Benefits
Sealed against solder and cleaning
process contaminants
Rocker, bushing & case—UL 94V-0
Small footprint—saves space
RoHS compliant
Typical Applications
Telecommunications
Instrumentation
Computers & peripherals
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @
20 V AC or DC max. Q contact material: Copper alloy, silver
plated. See page H-44 for additional ratings.
ELECTRICAL LIFE: ETX1 models: 60,000 make-and-break
cycles at full load. All other models: 30,000 cycles.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
PACKAGING: Surface mount switches standard in tape and reel
packaging, see page H-46 for drawings and reel information.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant,
heat stabilized (UL 94V-0). SA and SA1 surface mount: High
temperature material, glass filled 46 nylon, flame retardant,
heat stabilized (UL 94V-0).
ACTUATOR: Nylon, black standard. Internal o-ring seal
standard with all actuators. SA surface mount: High
temperature material, glass filled 46 nylon, flame retardant,
heat stabilized (UL 94V-0).
SWITCH SUPPORT: Brass, matte-tin plated.
CONTACTS & TERMINALS: B contact material: Copper alloy,
with gold plate over nickel plate. Q contact material: Copper alloy,
silver plated. See page H-44 for additional contact materials.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B, G, S, P & R contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages H-41 thru H-46. For additional options not shown in catalog, consult Customer Service Center. All models are
process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
ET01 SP On-None-On
ET02 SP Off-None-On
ET03 SP On-Off-On
ET05 SP Mom.-Off-Mom.
ET07 SP On-Off-Mom.
ET08 SP On-None-Mom.
ET21 DP On-None-On
ET27 DP On-Off-Mom.
ET28 DP On-None-Mom.
Actuator
J1 Rocker
J6 Rocker
Terminations
A
Right angle, PC thru-hole
AV Vertical Right angle, PC thru-hole
C
PC Thru-hole
V3
V-bracket
AV2 Vertical Right angle, PC thru-hole
SA Surface mount
SA1 Right Angle Surface mount
Contact Material
B Gold
K Gold, tin-lead
P Gold, matte tin
Q Silver
M Silver, tin-lead
S Silver, matte-tin
G Gold over silver
L
Gold over silver, tin-lead
R Gold over silver, matte-tin
Seal
E Epoxy
Actuator Color
2 Black
1 White
3 Red
H-40
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H


Similar Part No. - ET01J1AVK1

ManufacturerPart #DatasheetDescription
logo
C&K Components
ET01J1AVBE2 CK-COMPONENTS-ET01J1AVBE2 Datasheet
453Kb / 6P
   Sealed Subminiature Rocker Switches
More results

Similar Description - ET01J1AVK1

ManufacturerPart #DatasheetDescription
logo
C&K Components
ETROCKER CK-COMPONENTS-ETROCKER Datasheet
819Kb / 6P
   Sealed Subminiature Rocker Switches
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
   Sealed Subminiature Rocker Switches
T CK-COMPONENTS-T Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
ITT Industries
T101J1ABE2 ITT-T101J1ABE2 Datasheet
614Kb / 6P
   Subminiature Rocker Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
logo
E-SWITCH
400B E-SWITCH-400B Datasheet
176Kb / 1P
   ROCKER SWITCHES - SMT SUBMINIATURE
logo
C&K Components
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
C&K Components
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com