Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD65-30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD65-30
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD65-30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD65-30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD65-30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 Watts
PD65 Series
Low Cost
100% Burn-In
Small Size, Light Weight
Three Wide Input Voltage Ranges
10-30 VDC, 20-60 VDC, 30-90 VDC
Overvoltage Protection
Overcurrent Protection
Specification
All specifications typical at nominal line, full load and 25°C
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
Intelligent Design Quality Product
XPiQ inc.
DC/DC Converters
Input
Input Voltage
10 to 30 VDC
(PD65 “L” series)
20 to 60 VDC
(PD65 “M” series)
30 to 90 VDC
(PD65 “H” series)
Input Current
4.1A (rms) for 24 VDC
2.1A (rms) for 48 VDC
1.5A (rms) for 72 VDC
Output
Output Voltage/
See rating chart
Current
Ripple
1% peak to peak maximum
Overvoltage
Provided on output #1 only,
Protection
set at 112-132% of its nominal
output voltage
Overcurrent
All outputs protected in short
Protection:
circuit conditions
Temperature
All outputs ±0.04%/°C maximum
Coefficient:
General
Efficiency
65% - 80%
Hold-up time
10 msec
Line Regulation
±0.5% max.
Isolation Voltage
1000 VDC from input to output
Environmental
Operating
0°C to +70°C*
Temperature
Storage
-40°C to +85°C
Temperature
MTBF
100,000 hours
Weight
380 grams - PCB
640 grams - enclosed
* Derate linearly from 100% load at 50°C to 50% load at 70°C
PD 65
26/4/02
3:10 pm
Page 1


Similar Part No. - PD65-30

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PD65-30 TRUMPOWER-PD65-30 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
logo
Powerbox
PD65-30 POWERBOX-PD65-30 Datasheet
1Mb / 4P
   40-110 WATTS WIDE INPUT
logo
Tumbler Technologies + ...
PD65-30 TRUMPOWER-PD65-30 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
More results

Similar Description - PD65-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com