Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV211-1AF Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # CV211-1AF
Description  PCS/DCS-band Dual-Branch Downconverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV211-1AF Datasheet(HTML) 6 Page - WJ Communication. Inc.

  CV211-1AF Datasheet HTML 1Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 2Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 3Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 4Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 5Page - WJ Communication. Inc. CV211-1AF Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 6 of 6 December 2005
CV211-1A
PCS/DCS-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
CV211-1AF Mechanical Information
This package is lead-free/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded (maximum
245
°C reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be lasermarked with a
“CV211-1AF”
product
label
with
an
alphanumeric lot code on the top surface of the
package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class III
Value:
Passes
500V to <1000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin
Function
Pin
Function
1
Channel 1 Mixer
RF Input
15
N/C or GND
2
GND
16
GND
3
LO Amp Bias
17
LO input
4
GND
18
GND
5
N/C or GND
19
N/C or GND
6
GND
20
GND
7
Channel 2 Mixer
/ RF Input
21
+5 V
8
GND
22
GND
9
Channel 2 Mixer
/ IF Output
23
Channel 1
IF Amp Output /
Bias
10
GND
24
GND
11
Channel 2
IF Amp Input
25
Channel 1
IF Amp Input
12
GND
26
GND
13
Channel 2
IF Amp
Output / Bias
27
Channel 1
Mixer
IF Output
14
GND
28
GND


Similar Part No. - CV211-1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
More results

Similar Description - CV211-1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV111-1 ETC-CV111-1 Datasheet
254Kb / 4P
   PCS/DCS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com