Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD802 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGD802
Description  CATV amplifier modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGD802 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGD802 Datasheet HTML 1Page - NXP Semiconductors BGD802 Datasheet HTML 2Page - NXP Semiconductors BGD802 Datasheet HTML 3Page - NXP Semiconductors BGD802 Datasheet HTML 4Page - NXP Semiconductors BGD802 Datasheet HTML 5Page - NXP Semiconductors BGD802 Datasheet HTML 6Page - NXP Semiconductors BGD802 Datasheet HTML 7Page - NXP Semiconductors BGD802 Datasheet HTML 8Page - NXP Semiconductors BGD802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Mar 26
5
Philips Semiconductors
Product specification
CATV amplifier modules
BGD802; BGD802MI
Table 3
Bandwidth 40 to 750 MHz; VB = 24 V; Tcase =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 691.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 746.5 MHz.
2. Measured according to DIN45004B:
fp = 740.25 MHz; Vp =Vo;
fq = 747.25 MHz; Vq =Vo −6 dB;
fr = 749.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 738.25 MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
18
18.5
19
dB
f = 750 MHz
18.5
19.4
dB
SL
slope cable equivalent
f = 40 to 750 MHz
0.2
2dB
FL
flatness of frequency response
f = 40 to 750 MHz
−−±0.5
dB
S11
input return losses
f = 40 to 80 MHz
20
35
dB
f = 80 to 160 MHz
18.5
31
dB
f = 160 to 320 MHz
17
27
dB
f = 320 to 640 MHz
15.5
22
dB
f = 640 to 750 MHz
14
20
dB
S22
output return losses
f = 40 to 80 MHz
20
29.5
dB
f = 80 to 160 MHz
18.5
29
dB
f = 160 to 320 MHz
17
25.5
dB
f = 320 to 640 MHz
15.5
23
dB
f = 640 to 750 MHz
14
22
dB
S21
phase response
f = 50 MHz
−45
+45
deg
CTB
composite triple beat
110 channels flat;
Vo = 44 dBmV;
measured at 745.25 MHz
−−60.5
−58
dB
Xmod
cross modulation
110 channels flat;
Vo = 44 dBmV;
measured at 55.25 MHz
−−62.5
−60
dB
CSO
composite second order distortion 110 channels flat;
Vo = 44 dBmV;
measured at 746.5 MHz
−−66
−60
dB
d2
second order distortion
note 1
−−−72
dB
Vo
output voltage
dim = −60 dB; note 2
64
−−
dBmV
F
noise figure
see Table 1
−−−
dB
Itot
total current consumption (DC)
note 3
395
410
mA


Similar Part No. - BGD802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD802N PHILIPS-BGD802N Datasheet
57Kb / 12P
   CATV amplifier module
1999 Mar 22
logo
Quanzhou Jinmei Electro...
BGD802 JMNIC-BGD802_15 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
More results

Similar Description - BGD802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
64Kb / 12P
   CATV amplifier modules
2001 Nov 27
BGY84 PHILIPS-BGY84 Datasheet
51Kb / 8P
   CATV amplifier modules
1999 Mar 26
BGY84A PHILIPS-BGY84A Datasheet
62Kb / 8P
   CATV amplifier modules
1997 Apr 10
BGY86 PHILIPS-BGY86 Datasheet
45Kb / 8P
   CATV amplifier modules
1999 Mar 25
BGD902 PHILIPS-BGD902 Datasheet
73Kb / 10P
   CATV amplifier modules
Rev. 07-8 March 2005
BGD904 PHILIPS-BGD904 Datasheet
74Kb / 12P
   CATV amplifier modules
2000 Jan 10
BGY586 PHILIPS-BGY586 Datasheet
15Kb / 3P
   CATV amplifier modules
February 1995
BGY80 PHILIPS-BGY80 Datasheet
14Kb / 3P
   CATV amplifier modules
February 1995
BGD906 PHILIPS-BGD906 Datasheet
73Kb / 12P
   CATV amplifier modules
2000 Mar 28
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com