Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCSFX-15S-A191-F204 Datasheet(PDF) 1 Page - ITT Industries

Part # DCSFX-15S-A191-F204
Description  Cannon Speedy D
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DCSFX-15S-A191-F204 Datasheet(HTML) 1 Page - ITT Industries

  DCSFX-15S-A191-F204 Datasheet HTML 1Page - ITT Industries DCSFX-15S-A191-F204 Datasheet HTML 2Page - ITT Industries DCSFX-15S-A191-F204 Datasheet HTML 3Page - ITT Industries DCSFX-15S-A191-F204 Datasheet HTML 4Page - ITT Industries DCSFX-15S-A191-F204 Datasheet HTML 5Page - ITT Industries DCSFX-15S-A191-F204 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Cannon Speedy D
IDC contacts
2
Dimensions shown in mm
Specifications and dimensions subject to change.
www.ittcannon.com
Speedy D connectors terminate ribbon cables without stripping and without splicing. They are
intermateable with all D Subminiature types offered on the market. The extremely low profile
is another typical feature of the Speedy D.
Technical Data
Materials
Shell
Steel, with pure tin matt
Insulator
High quality thermoplast, flame retardant, UL94V-0
Contacts
Copper alloy
Contact area
gold-plated over nickel
Termination area
pure tin, matt
Mechanical Features
Coupling
Friction, accessories
Polarizing
Keystone shape shell
Termination
IDC
Wire sizes
AWG 26 (0,13mm2), AWG 28 (0,08mm2) solid or stranded
Ribbon cable
Conductor spacing 1,27mm
Temperature rating
to DIN IEC 68 part 1
-55/125°C
Electrical Data
Current rating
1.5 A at 25°C, 1 A at 70°C ambient temperature
Contact resistance
15 mOhm (milli Ohm)
Voltage rating
780 VAC
Insulation resistance
5 x 10
3
MOhm (Mega Ohm)
Air/creepage paths
minimum 0,9mm
Standard Contact Arrangements
Contact size 20
Face view pin insert
Shell size
No. of contacts
E
9
A
15
B
25
C
37
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
3
4
5
6
7
8
9
10
11
12 13
14
15
16
17
18
19
20 21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
1
2
3
45
67
8
9
10
11
12
13
14
15
12
3
4
5
67
8
9


Similar Part No. - DCSFX-15S-A191-F204

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
logo
Adam Technologies, Inc.
DCS-01-X ADAM-TECH-DCS-01-X Datasheet
87Kb / 1P
   D-SUB SOCKET CONATACT
DCS-01-X-30 ADAM-TECH-DCS-01-X-30 Datasheet
87Kb / 1P
   D-SUB SOCKET CONTACT
DCS-02-X-30 ADAM-TECH-DCS-02-X-30 Datasheet
78Kb / 1P
   D-SUB SOCKET CONTACT
logo
Diodes Incorporated
DCS-1078 DIODES-DCS-1078 Datasheet
74Kb / 17P
   PRODUCT CHANGE NOTICE
PCN-1078_Rev 1
More results

Similar Description - DCSFX-15S-A191-F204

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com