Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTS125 Datasheet(PDF) 3 Page - ITT Industries

Part # PTS125
Description  12 mm Tact Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS125 Datasheet(HTML) 3 Page - ITT Industries

  PTS125 Datasheet HTML 1Page - ITT Industries PTS125 Datasheet HTML 2Page - ITT Industries PTS125 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.ittcannon.com
B–61
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
PTS125 Series
12 mm Tact Switches
ACTUATION FORCE
OPTION
CODE
FORCE
M
160 grams
K
260 grams
ACTUATOR HEIGHT
8,5
(.335)
7,3
(.2870
12,0
(.472)
43 4,3 mm
73 7,3 mm SNAP-FIT
85 8,5 mm
12 12 mm


Similar Part No. - PTS125

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125 Datasheet
387Kb / 5P
   12 mm Tact Switches
2022
PTS125 CK-COMPONENTS-PTS125 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
PTS125J43LFS CK-COMPONENTS-PTS125J43LFS Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125JM43LFS CK-COMPONENTS-PTS125JM43LFS Datasheet
193Kb / 3P
   12 mm Tact Switches
More results

Similar Description - PTS125

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
   12 mm Tact Switches
2022
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
logo
ITT Industries
PTS125SM43 ITT-PTS125SM43 Datasheet
86Kb / 3P
   PTS125 Series 12 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
   3,5 mm Tact Switches
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
   6 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
   6 mm Tact Switches
14 Nov 22
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
   3,5 mm Tact Switches
logo
ITT Industries
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
   6 mm Tact Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com