|
| MF0064M-07BTXX |
|
||
|
MITSUBISHI |
|
2 page
MITSUBISHI STORAGE CARD MF0XXXX-07BTXX / -07BFXX series ATA PC CARDS Jun.2000. Rev. 1.0 MITSUBISHI ELECTRIC 2/31 PIN ASSIGNMENT Pin PC Card Memory Mode PC Card I/O Mode IDE ATA Interface Pin PC Card Memory Mode PC Card I/O Mode IDE ATA Interface Signal I/O Signal I/O Signal I/O Signal I/O Signal I/O Signal I/O 1 GND - GND - GND - 35 GND - GND - GND - 2 D3 I/O D3 I/O D3 I/O 36 CD1# O CD1# O CD1# O 3 D4 I/O D4 I/O D4 I/O 37 D11 I/O D11 I/O D11 I/O 4 D5 I/O D5 I/O D5 I/O 38 D12 I/O D12 I/O D12 I/O 5 D6 I/O D6 I/O D6 I/O 39 D13 I/O D13 I/O D13 I/O 6 D7 I/O D7 I/O D7 I/O 40 D14 I/O D14 I/O D14 I/O 7 CE1# I CE1# I CS0# I 41 D15 I/O D15 I/O D15 I/O 8 A10 I A10 I N.U - 42 CE2# I CE2# I CS1# I 9 OE# I OE# I ATA SEL# I 43 VS1# O VS1# O VS1# O 10 N.C - N.C - N.C - 44 N.U - IORD# I IORD# I 11 A9 I A9 I N.U - 45 N.U - IOWR# I IOWR# I 12 A8 I A8 I N.U - 46 N.C - N.C - N.C - 13 N.C - N.C - N.C - 47 N.C - N.C - N.C - 14 N.C - N.C - N.C - 48 N.C - N.C - N.C - 15 WE# I WE# I WE# I 49 N.C - N.C - N.C - 16 READY O IREQ# O INTRQ O 50 N.C - N.C - N.C - 17 Vcc - Vcc - Vcc - 51 Vcc - Vcc - Vcc - 18 N.C - N.C - N.C - 52 N.C - N.C - N.C - 19 N.C - N.C - N.C - 53 N.C - N.C - N.C - 20 N.C - N.C - N.C - 54 N.C - N.C - N.C - 21 N.C - N.C - N.C - 55 N.C - N.C - N.C - 22 A7 I A7 I N.U - 56 CSEL I CSEL I CSEL I 23 A6 I A6 I N.U - 57 VS2# O VS2# O VS2# O 24 A5 I A5 I N.U - 58 RESET I RESET I RESET# I 25 A4 I A4 I N.U - 59 WAIT# O WAIT# O IORDY O 26 A3 I A3 I N.U - 60 N.U - INPACK# O INPACK# O 27 A2 I A2 I A2 I 61 REG# I REG# I REG# I 28 A1 I A1 I A1 I 62 BVD2 O SPKR# O DASP# I/O 29 A0 I A0 I A0 I 63 BVD1 O STSCHG# O PDIAG# I/O 30 D0 I/O D0 I/O D0 I/O 64 D8 I/O D8 I/O D8 I/O 31 D1 I/O D1 I/O D1 I/O 65 D9 I/O D9 I/O D9 I/O 32 D2 I/O D2 I/O D2 I/O 66 D10 I/O D10 I/O D10 I/O 33 WP O IOIS16# O IOCS16# O 67 CD2# O CD2# O CD2# O 34 GND - GND - GND - 68 GND - GND - GND - N.C = Not connected internally. N.U = Not used. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MF0032M-11ATXX | 8/16-bit Data Bus Flash ATA PC Card | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MF0064M-07ATXX | 8/16-bit Data Bus Flash ATA PC Card | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MF007M5-03ATXX | 8/16-bit Data Bus Flash ATA PC Card | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MF82M1-GMCAVXX | 8/16-bit Data Bus Flash Memory Card | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MF0032M-04AAXX | 8/16-bit Data Bus CompactFlash Card | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MF0032M-05AAXX | 8/16-bit Data Bus CompactFlash Card | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| HB2881000A5 | FLASH ATA Card 1 GByte | 1 2 3 4 5 More | Hitachi Semiconductor |
| MF0064M-04BAXX | 8/16-bit Data Bus CompactFlash Card | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| HB2881000A6 | FLASH ATA Card | 1 2 3 4 5 More | Hitachi Semiconductor |
| HB288800A5 | FLASH ATA Card | 1 2 3 4 5 More | Hitachi Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |