Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN21LANA03QE Datasheet(PDF) 1 Page - ITT Industries

Part # PN21LANA03QE
Description  Alternate & Momentary Action Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PN21LANA03QE Datasheet(HTML) 1 Page - ITT Industries

  PN21LANA03QE Datasheet HTML 1Page - ITT Industries PN21LANA03QE Datasheet HTML 2Page - ITT Industries PN21LANA03QE Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A–79
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K PN Series
Alternate & Momentary Action Pushbutton Switches
PC MOUNTING
Features/Benefits
Momentary or locking action
3 actuation forces for customized feel
Low cost, reliable contact design
1-4 poles available
RoHS compliant
Typical Applications
Computers and peripherals
Instrumentation and
measurement equipment
Non-power, on-off
switch applications
Specifications
CONTACT RATING: 0.2 AMP @ 30 V DC max.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
MECHANICAL LIFE: 10,000 on/off cycles.
CONTACT RESISTANCE: 50 m
Ω max. initial,
100 milliohms max. at end of life.
INSULATION RESISTANCE: 100 M
Ω min. at 500 V DC.
DIELECTRIC STRENGTH: 500 V AC min.
OPERATING/STORAGE TEMPERATURES: –10ºC to 60ºC.
PACKAGING: Switches are supplied in anti-static bags
or anti-static trays.
Materials
FRAME: Tin plated steel.
ACTUATOR: Polyacetal. Color: Manufacturing option.
BASE: Laminated phenolic.
TERMINALS: Silver plated brass.
MOVABLE CONTACTS: Silver plated (or clad) phosphor bronze.
RETURN SPRING: Music wire.
DETENT SPRING: Phosphor bronze.
DETENT SPRING PLATE: Phosphor bronze.
RETURN SPRING RETAINER RING: Nickel (or tin) plated steel.
TERMINAL SEAL: Epoxy.
How To Order
Complete part numbers for PN Series Alternate & Momentary Action Pushbutton Switches are shown on pages A-80 thru A-81.
PN11SBSA03QE
SPDT
Third Angle
Projection
PN11SBNA03QE
SPDT Momentary
120g max.
PN11SCNA03QE
SPDT Momentary
150g
PN11SHNA03QE
SPDT Momentary
230g
PN11SJNA03QE
SPDT Momentary
330g
PN12SHNA03QE
SPDT Locking
230g
.100g (2,5)
PN12SJNA03QE
SPDT Locking
330g
.100g (2,5)
PN11SBSA03QE
SPDT Momentary
120g max.
PN11SCSA03QE
SPDT Momentary
150g
PN11SHSA03QE
SPDT Momentary
230g
PN11SJSA03QE
SPDT Momentary
330g
PN12SHSA03QE
SPDT Locking
230g
.100g (2,5)
PN12SJSA03QE
SPDT Locking
330g
Non-Shorting
Shorting
SCHEMATIC
SHORTING/
NON-SHORTING
FULL STROKE
LOCK STROKE
OPERATING
FORCE (typ.)
SWITCH
FUNCTION
PART NUMBER
STROKE
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs. All models are RoHS compliant and compatible.
.140 (3,5)
.140 (3,5)
.100 (2,5)


Similar Part No. - PN21LANA03QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
PN21LANA03QE CK-COMPONENTS-PN21LANA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
More results

Similar Description - PN21LANA03QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
logo
List of Unclassifed Man...
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
   Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com