Electronic Components Datasheet Search |
|
E112MYA3GE Datasheet(PDF) 2 Page - ITT Industries |
|
E112MYA3GE Datasheet(HTML) 2 Page - ITT Industries |
2 / 6 page A–45 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection C&K E010 Series Sealed Momentary Pushbutton Switches SWITCH FUNCTION PLUNGER BUSHING PANEL MOUNTING ** SPDT 2-3 2-1 MOM. ON E112 SP SCHEMATIC CONNECTED TERMINALS POS. 1 POS. 2 SWITCH FUNCTION POS. 1 POS. 2 MODEL NO. NO. POLES SPDT Terminal Nos. For Reference Only Part number shown: E112SD1CQE MOM. = Momentary All models with all options when ordered with G or Q contact material. C&K marking this side C&K marking this side S .218" HIGH D1 UNTHREADED Y THREADED, KEYWAY S plunger standard with D1 bushing. NOTE: Internal o-ring actuator seal standard for all bushing options. L plunger standard with Y bushing. Available only with C, Z terminations. Hardware: One dress nut part number 780701201, one hex nut and lockwasher supplied standard. Withstands 4 in./lbs. without distortion. NOTE: Caps available for all plunger options, see pages A-48 and A-49. L .338" HIGH M .331" HIGH, SNAP-FITTING Standard with D1 bushing (as shown). † Subtract .100 (2,54) from plunger length when ordered with Y bushing. Standard with Y bushing (as shown). ** Add .100 (2,54) from plunger length when ordered with D1 bushing. A |
Similar Part No. - E112MYA3GE |
|
Similar Description - E112MYA3GE |