Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG540AP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG540AP
Description  Wideband/Video T Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG540AP Datasheet(HTML) 4 Page - Vishay Siliconix

  DG540AP Datasheet HTML 1Page - Vishay Siliconix DG540AP Datasheet HTML 2Page - Vishay Siliconix DG540AP Datasheet HTML 3Page - Vishay Siliconix DG540AP Datasheet HTML 4Page - Vishay Siliconix DG540AP Datasheet HTML 5Page - Vishay Siliconix DG540AP Datasheet HTML 6Page - Vishay Siliconix DG540AP Datasheet HTML 7Page - Vishay Siliconix DG540AP Datasheet HTML 8Page - Vishay Siliconix DG540AP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG540/541/542
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70055
S-00399—Rev. G, 13-Sep-99
SPECIFICATIONSa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffixes
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –3 V
VINH = 2 V, VINL = 0.8 Vf
Tempb
Typc
Mind
Maxd Mind
Maxd Unit
Analog Switch
Analog Signal Range
VANALOG
V– = –5 V, V+ = 12 V
Full
–5
5
–5
5
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = 0 V
Room
Full
30
60
100
60
75
W
rDS(on) Match
DrDS(on)
S
,
D
Room
2
6
6
Source Off
Leakage Current
IS(off)
VS = 0 V, VD = 10 V
Room
Full
–0.05
–10
–500
10
500
–10
–100
10
100
A
Drain Off
Leakage Current
ID(off)
VS = 10 V, VD = 0 V
Room
Full
–0.05
–10
–500
10
500
–10
–100
10
100
nA
Channel On
Leakage Current
ID(on)
VS = VD = 0 V
Room
Full
–0.05
–10
–1000
10
1000
–10
–100
10
100
Digital Control
Input Voltage High
VINH
Full
2
2
V
Input Voltage Low
VINL
Full
0.8
0.8
V
Input Current
IIN
VIN = GND or V+
Room
Full
0.05
–1
–20
1
20
–1
–20
1
20
mA
Dynamic Characteristics
On State Input Capacitancee
CS(on)
VS = VD = 0 V
Room
14
20
20
F
Off State Input Capacitancee
CS(off)
VS = 0 V
Room
2
4
4
pF
Off State Output Capacitancee
CD(off)
VD = 0 V
Room
2
4
4
Bandwidth
BW
RL = 50 W, See Figure 5
Room
500
MHz
Turn On Time
tON
R1 k
W
DG540
DG541
Room
Full
45
70
130
70
130
Turn On Time
tON
RL = 1 kW
CL = 35 pF
50% t 90%
DG542
Room
Full
55
100
160
100
160
ns
Turn Off Time
tOFF
L
p
50% to 90%
See Figure 2
DG540
DG541
Room
Full
20
50
85
50
85
ns
Turn Off Time
tOFF
DG542
Room
Full
25
60
85
60
85
Charge Injection
Q
CL = 1000 pF, VS = 0 V
See Figure 3
Room
–25
pC
Off I
l i
OIRR
RIN = 75 W
R75
W
DG540
Room
–80
dB
Off Isolation
OIRR
IN
RL = 75 W
f = 5 MHz
DG541
Room
–60
dB
f
5 MHz
See Figure 4
DG542
Room
–75
dB
All Hostile Crosstalk
XTALK(AH)
RIN = 10 W, RL = 75 W
f = 5 MHz, See Figure 6
Room
–85
Power Supplies
Positive Supply Current
I+
All Channels On or Off
Room
Full
3.5
6
9
6
9
mA
Negative Supply Current
I–
All Channels On or Off
Room
Full
–3.2
–6
–9
–6
–9
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG540AP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG540AP TEMIC-DG540AP Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG540AP VISHAY-DG540AP Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG540AP-883 VISHAY-DG540AP-883 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
logo
TEMIC Semiconductors
DG540AP/883 TEMIC-DG540AP/883 Datasheet
154Kb / 10P
   Wideband/Video T Switches
More results

Similar Description - DG540AP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG540 TEMIC-DG540 Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG540 VISHAY-DG540_11 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG540 VISHAY-DG540_V01 Datasheet
253Kb / 18P
   Wideband/Video ?쏷??Switches
08-Feb-17
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com