Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1440AV33-250BZXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1440AV33-250BZXC
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440AV33-250BZXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1440AV33-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1440AV33-250BZXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PRELIMINARY
CY7C1440AV33
CY7C1442AV33
CY7C1446AV33
Document #: 38-05383 Rev. *B
Page 9 of 27
the “sleep” mode. CE1, CE2, CE3, ADSP, and ADSC must
remain inactive for the duration of tZZREC after the ZZ input
returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
100
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ Active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table [3, 4, 5, 6, 7, 8]
Operation
Add. Used
CE1 CE2 CE3 ZZ ADSP ADSC ADV WRITE OE CLK
DQ
Deselect Cycle, Power Down
None
H
X
X
L
X
L
X
X
X
L-H
Tri-State
Deselect Cycle, Power Down
None
L
L
X
L
L
X
X
X
X
L-H
Tri-State
Deselect Cycle, Power Down
None
L
X
H
L
L
X
X
X
X
L-H
Tri-State
Deselect Cycle, Power Down
None
L
L
X
L
H
L
X
X
X
L-H
Tri-State
Deselect Cycle, Power Down
None
L
X
H
L
H
L
X
X
X
L-H
Tri-State
Sleep Mode, Power Down
None
X
X
X
H
X
X
X
X
X
X
Tri-State
READ Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
L
L-H
Q
READ Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
H
L-H
Tri-State
WRITE Cycle, Begin Burst
External
L
H
L
L
H
L
X
L
X
L-H
D
READ Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
L
L-H
Q
READ Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
H
L-H
Tri-State
Notes:
3. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
4. WRITE = L when any one or more Byte Write enable signals and BWE = L or GW = L. WRITE = H when all Byte write enable signals, BWE, GW = H.
5. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. CE1, CE2, and CE3 are available only in the TQFP package. BGA package has only 2 chip selects CE1 and CE2.
7. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks
after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a
don't care for the remainder of the write cycle
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are Tri-State when OE is
inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1440AV33-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33-250BZXC CYPRESS-CY7C1440AV33-250BZXC Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1440AV33-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com