Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1325G-117AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1325G-117AXI
Description  4-Mbit (256K x 18) Flow-Through Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325G-117AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1325G-117AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1325G-117AXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY7C1325G
Document #: 38-05518 Rev. *D
Page 10 of 16
Timing Diagrams
Read Cycle Timing[16]
Note:
16. On this diagram, when CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
tCYC
t
CL
CLK
tADH
tADS
ADDRESS
t
CH
tAH
tAS
A1
tCEH
tCES
Data Out (Q)
High-Z
tCLZ
tDOH
tCDV
tOEHZ
tCDV
Single READ
BURST
READ
tOEV
tOELZ
tCHZ
Burst wraps around
to its initial state
t
ADVH
t
ADVS
t
WEH
t
WES
tADH
tADS
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A1)
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A2 + 3)
A2
ADV suspends burst
Deselect Cycle
DON’T CARE
UNDEFINED
ADSP
ADSC
GW, BWE,BW
[A:B]
CE
ADV
OE


Similar Part No. - CY7C1325G-117AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G-133AXC CYPRESS-CY7C1325G-133AXC Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
CY7C1325G-133AXC CYPRESS-CY7C1325G-133AXC Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G-133AXC CYPRESS-CY7C1325G-133AXC Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1325G-117AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com