Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT23S08T-3DC Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT23S08T-3DC
Description  2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S08T-3DC Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT23S08T-3DC Datasheet HTML 1Page - Integrated Device Technology IDT23S08T-3DC Datasheet HTML 2Page - Integrated Device Technology IDT23S08T-3DC Datasheet HTML 3Page - Integrated Device Technology IDT23S08T-3DC Datasheet HTML 4Page - Integrated Device Technology IDT23S08T-3DC Datasheet HTML 5Page - Integrated Device Technology IDT23S08T-3DC Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT23S08T
2.5V ZERO DELAY CLOCK MULTIPLIER
ORDERING INFORMATION
Ordering Code
PackageType
Operating Range
IDT23S08T-1DC
16-Pin SOIC
Commercial
IDT23S08T-2DC(1)
16-Pin SOIC
Commercial
IDT23S08T-3DC(1)
16-Pin SOIC
Commercial
IDT23S08T-4DC(1)
16-Pin SOIC
Commercial
IDT23S08T-5DC(1)
16-Pin SOIC
Commercial
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XXXXX
XX
X
Package
Process
Device Type
Blank
23S08T-1
23S08T-2
23S08T-3
23S08T-4
23S08T-5
Commercial (0oC to +70oC)
2.5V Zero Delay Clock Buffer, Spread
Spectrum Compatible
DC
Small Outline
NOTE:
1. Contact factory for availability.


Similar Part No. - IDT23S08T-3DC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
More results

Similar Description - IDT23S08T-3DC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08 Datasheet
60Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S05T IDT-IDT23S05T Datasheet
59Kb / 6P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09T IDT-IDT23S09T Datasheet
61Kb / 6P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05T RENESAS-IDT23S05T Datasheet
250Kb / 8P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
APRIL 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com