Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET03J6AVS1 Datasheet(PDF) 5 Page - ITT Industries

Part # ET03J6AVS1
Description  Sealed Subminiature Rocker Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ET03J6AVS1 Datasheet(HTML) 5 Page - ITT Industries

  ET03J6AVS1 Datasheet HTML 1Page - ITT Industries ET03J6AVS1 Datasheet HTML 2Page - ITT Industries ET03J6AVS1 Datasheet HTML 3Page - ITT Industries ET03J6AVS1 Datasheet HTML 4Page - ITT Industries ET03J6AVS1 Datasheet HTML 5Page - ITT Industries ET03J6AVS1 Datasheet HTML 6Page - ITT Industries ET03J6AVS1 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
H-44
C&K ET Series
Sealed Subminiature Rocker Switches
TERMINATIONS
CONTACT MATERIAL
PANEL MOUNTING
Actuator Shown In Pos. 1
PC MOUNTING
Actuator Shown In Pos. 1
PC MOUNTING
SA
SURFACE MOUNT
V3
VERTICAL MOUNT, V-BRACKET
V3
VERTICAL MOUNT, V-BRACKET
NOTE: Standard with tape & reel packaging, see page H-44.
Available with K contact material only.
ET21J1V3BE2
DPDT
ET01J1V3BE2
SPDT
ET01J6SAKE2
Horizontal Actuation
SPDT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with Q, B, G, S, P & R contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with G, L, M, Q, S & R contact material.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
SMT
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
TIN-LEAD 6
MATTE-TIN 7
GOLD 1
SILVER 4,5
GOLD OVER
SILVER 2,3
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
GOLD 1
TIN-LEAD 6
MATTE-TIN 7
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
ETX1 MODELS: 3 AMPS @ 120 V AC
OR 28 V DC.
ALL OTHER MODELS: 2 AMPS @ 120 V AC
OR 28 V DC.
ETX1 MODELS: 0.4 VA MAX @ 20 V AC OR DC
MAX. OR 3 AMPS @120 V AC OR 28 V DC.
ALL OTHER MODELS: 0.4 VA MAX @ 20 V AC OR
DC MAX. OR 2 AMPS @ 120 V AC OR 28 V DC.
B
K
P
Q
M
S
G
L
R
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
YES
NO
YES
YES
NO
YES
YES
NO
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES


Similar Part No. - ET03J6AVS1

ManufacturerPart #DatasheetDescription
logo
C&K Components
ET03LD1ABE CK-COMPONENTS-ET03LD1ABE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET03LD1ABE1 CK-COMPONENTS-ET03LD1ABE1 Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET03LD1ABE2 CK-COMPONENTS-ET03LD1ABE2 Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET03LD1APE CK-COMPONENTS-ET03LD1APE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET03LD1APE1 CK-COMPONENTS-ET03LD1APE1 Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
More results

Similar Description - ET03J6AVS1

ManufacturerPart #DatasheetDescription
logo
C&K Components
ETROCKER CK-COMPONENTS-ETROCKER Datasheet
819Kb / 6P
   Sealed Subminiature Rocker Switches
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
   Sealed Subminiature Rocker Switches
T CK-COMPONENTS-T Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
ITT Industries
T101J1ABE2 ITT-T101J1ABE2 Datasheet
614Kb / 6P
   Subminiature Rocker Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
logo
E-SWITCH
400B E-SWITCH-400B Datasheet
176Kb / 1P
   ROCKER SWITCHES - SMT SUBMINIATURE
logo
C&K Components
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
C&K Components
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com