Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3474L10-32SW Datasheet(PDF) 8 Page - ITT Industries

Part # MS3474L10-32SW
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3474L10-32SW Datasheet(HTML) 8 Page - ITT Industries

Back Button MS3474L10-32SW Datasheet HTML 2Page - ITT Industries MS3474L10-32SW Datasheet HTML 3Page - ITT Industries MS3474L10-32SW Datasheet HTML 4Page - ITT Industries MS3474L10-32SW Datasheet HTML 5Page - ITT Industries MS3474L10-32SW Datasheet HTML 6Page - ITT Industries MS3474L10-32SW Datasheet HTML 7Page - ITT Industries MS3474L10-32SW Datasheet HTML 8Page - ITT Industries MS3474L10-32SW Datasheet HTML 9Page - ITT Industries MS3474L10-32SW Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.ittcannon.com
164
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Panel Cutouts
Panel Thickness
Dummy Stowage Receptacles
Jam Nut Receptacle
Shell
Size
10
12
14
16
18
20
22
24
8
10
12
14
16
18
20
22
24
.474 (12.04)
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
.594 (15.09)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
.828 (21.03)
.954 (24.23)
1.047 (26.59)
1.141 (28.98)
1.234 (31.34)
1.328 (33.73)
1.453 (36.91)
1.578 (40.08)
1.703 (43.26)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.16)
.125 (3.18)
.152 (3.86)
.493 (12.52)
.493 (12.52)
.493 (12.52)
.493 (12.52)
.493 (12.52)
.493 (12.52)
.587 (14.91)
.587 (14.91)
.620 (15.75)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.110 (2.79)
.110 (2.79)
.110 (2.79)
8
10
12
14
16
18
20
22
24
.661 (16.79)
.824 (20.93)
.948 (24.08)
1.072 (27.23)
1.197 (30.40)
1.322 (33.58)
1.447 (36.75)
1.572 (39.93)
Shown here are the maximum panel thickness
including screw head height allowable to ensure
complete connector operation.
.125 (3.18) Max. (backshell
clearance for front mount)
.087 (2.21mm) maximum for
shell size 10 thru 18 (rear mount)
.212 (5.38mm maximum for
shell size 20 thru 24 (rear mount)
.125 (3.18) Max. (backshell
clearance for front mount)
.118 (3.00mm) maximum for
shell size 10 thru 18 (rear mount)
.212 (5.38mm maximum for
shell size 20 thru 24 (rear mount)
.697 (17.70)
.895 (22.73)
1.010 (25.65)
1.135 (28.33)
1.260 (32.00)
1.385 (35.18)
1.510 (38.35)
1.635 (41.53)
.620 (15.75)
.740 (18.80)
.864 (21.95)
.990 (25.15)
1.118 (28.40)
1.240 (31.50)
1.366 (34.70)
1.490 (37.85)
1.616 (41.05)
.594 (18.26)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
.125 (3.14)
.125 (3.17)
.125 (3.17)
.125 (3.17)
.125 (3.17)
.125 (3.17)
.125 (3.17)
.125 (3.17)
.155 (3.97)
#4
#4
#4
#4
#4
#4
#4
#4
#6
10
12
14
16
18
20
22
24
.740 (18.80)
.864 (21.95)
.990 (25.15)
1.118 (28.40)
1.240 (31.50)
1.366 (34.70)
1.490 (37.85)
1.616 (41.05)
.812 (20.62)
.938 (23.93)
1.031 (26.19)
1.125 (28.58)
1.203 (30.56)
1.297 (32.94)
1.375(34.92)
1.500 (38.10)
.155 (3.97)
.155 (3.97)
.155 (3.97)
.155 (3.97)
.155 (3.97)
.155 (3.97)
.155 (3.97)
.155 (3.97)
#6
#6
#6
#6
#6
#6
#6
#6
F DIA.
G DIA.
4 HOLES
A
DIA
J
K
E
(TP)
MS - Complies with MIL-C-26482
PVS - ITT Cannon prefix
- 15 -PV
G - Conductive finish (nickel)
A - Nonconductive finish (anodized)
8 though 24
3115 - Dummy receptacle
8 through 24
L - Conductive finish (nickel)
A - Nonconductive finish (anodized)
NOTE: Usable on KPT/KPSE series also.
F
(TYP)
E
+
_.005 (+
_.13)
+.010 (0.25)
-.000 (0.00)
DIA.
A
T DIA. 4 MTG. HOLES
R
(TYP.)
Shell
Size
A
Dia. Max.
E
(TYP)
F
Max.
G
Max.
J
Max.
K
Max.
Shell
Size
Narrow Flange Receptacle
Wide Flange Receptacle
BACKSHELL
BACKSHELL
COUPLING NUT
How to Order
PV DESCRIPTION
MS DESCRIPTION
SERIES PREFIX
SERIES PREFIX
MS STANDARD
SHELL SIZE
CLASS
PVS
-15
G
12
MS
3115
-12
L
DUMMY RECEPTACLE INDICATOR
CLASS
SHELL SIZE
COUPLING NUT
A
Dia.
T
Dia.
Screw
Size
R
Shell
Size
A
Dia.
T
Dia.
Screw
Size
R
E
+
_.005 (0.13)
F Dia.
+
_.005 (0.13)
Flange Front
and Rear
Mounting
Mounting
Hole
Flange Front
and Rear
Mounting
Mounting
Hole
Narrow Flange and Thru-Bulkhead/Wide Flange


Similar Part No. - MS3474L10-32SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS3474L10-10AW-340 ETC-MS3474L10-10AW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474L10-10AX-340 ETC-MS3474L10-10AX-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474L10-10AY-340 ETC-MS3474L10-10AY-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474L10-10BW-340 ETC-MS3474L10-10BW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474L10-10BX-340 ETC-MS3474L10-10BX-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
More results

Similar Description - MS3474L10-32SW

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com