Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T9159L12BF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70T9159L12BF
Description  HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T9159L12BF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70T9159L12BF Datasheet HTML 1Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 2Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 3Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 4Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 5Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 6Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 7Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 8Page - Integrated Device Technology IDT70T9159L12BF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
6.42
IDT70T9169/59L
High-Speed 2.5V 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Preliminary
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
ADS, CNTEN, CNTRST = X.
3.
OE is an asynchronous input signal.
Truth Table I—Read/Write and Enable Control(1,2,3)
OE
CLK
CE0
CE1
R/
W
I/O0-8
Mode
X
H
X
X
High-Z
Deselected—Power Down
X
X
L
X
High-Z
Deselected—Power Down
X
LH
L
DATAIN
Write
L
LH
H
DATAOUT
Read
H
X
L
H
X
High-Z
Outputs Disabled
5654 tbl 02
Pin Names
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L
(1)
A0R - A13R
(1)
Address
I/O0L - I/O8L
I/O0R - I/O8R
Data Input/Output
CLKL
CLKR
Clock
ADSL
ADSR
Address Strobe
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
FT/PIPEL
FT/PIPER
Flow-Through/Pipeline
VDD
Power (2.5V)
VSS
Ground (0V)
5654 tbl 01
NOTE:
1. A13 is a NC for IDT70T9159.


Similar Part No. - IDT70T9159L12BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9159L IDT-IDT70T9159L Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T9159L12BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709169L IDT-IDT709169L Datasheet
176Kb / 16P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709169 RENESAS-709169 Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com