Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2020EJ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG2020EJ
Description  Low VCEsat (BISS) transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2020EJ Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG2020EJ Datasheet HTML 1Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 2Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 3Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 4Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 5Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 6Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 7Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 8Page - NXP Semiconductors PMEG2020EJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
As automotive manufacturers strive to enhance safety, performance, comfort and
fuel-efficiency levels, the semiconductor content of vehicles is rising and electronic
systems are becoming more complex. Consequently, system suppliers must meet
increasingly severe requirements. Building on our expertise in both automotive
and small-signal discretes solutions, Philips offers an extensive portfolio of discrete
components that help suppliers meet the rigorous and diverse technical demands
on automotive electronics.The wide portfolio enables automotive designers to be
flexible in their designs. By means of integrated products the component count is
decreased and thus costs can be reduced.
Key families
- Low V
CEsat (BISS) transistors
- Resistor-equipped transistors (RETs)
- Complex discretes
• BISS Loadswitches
• Matched pair transistors
• MOSFET drivers
- Low V
F (MEGA) Schottky rectifiers
- ESD protection diodes
Key benefits
- More power
- Lower costs
- More functionality
- Improved reliability
- Automotive packages
Automotive small-signal discretes solutions
All our new products are released in the well-known SOT23 package,
as well as in smaller packages like SOT323 (SC-70), SOD323 (SC-76)
and SOD323F (SC-90).To support the trend towards integration also
multiple transistors and diodes are available integrated into just a
single package like SOT457 (SC-74) and SOT363 (SC-88).
Philips has all the technologies in place to lead the way in small-signal
discretes products, allowing to develop automotive applications that
will drive the future.


Similar Part No. - PMEG2020EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2020EJ PHILIPS-PMEG2020EJ Datasheet
60Kb / 10P
   20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EJ NXP-PMEG2020EJ Datasheet
115Kb / 10P
   20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EJ PHILIPS-PMEG2020EJ Datasheet
115Kb / 10P
   20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG2020EJ NEXPERIA-PMEG2020EJ Datasheet
181Kb / 8P
   20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
PMEG2020EJ-Q NEXPERIA-PMEG2020EJ-Q Datasheet
180Kb / 8P
   20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
More results

Similar Description - PMEG2020EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4230T PHILIPS-PBSS4230T Datasheet
47Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
logo
Nexperia B.V. All right...
PBSS4330X NEXPERIA-PBSS4330X Datasheet
421Kb / 13P
   NPN low VCEsat (BISS) transistor
2004 Dec 06
logo
NXP Semiconductors
PBSS4120T PHILIPS-PBSS4120T_15 Datasheet
267Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4130T PHILIPS-PBSS4130T_15 Datasheet
55Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Nov 27
PBSS4160T PHILIPS-PBSS4160T_15 Datasheet
370Kb / 10P
   NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4230T PHILIPS-PBSS4230T_15 Datasheet
275Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
logo
Nexperia B.V. All right...
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com