Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DASFX-25P-K87-F204 Datasheet(PDF) 4 Page - ITT Industries

Part # DASFX-25P-K87-F204
Description  Cannon Speedy D
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DASFX-25P-K87-F204 Datasheet(HTML) 4 Page - ITT Industries

  DASFX-25P-K87-F204 Datasheet HTML 1Page - ITT Industries DASFX-25P-K87-F204 Datasheet HTML 2Page - ITT Industries DASFX-25P-K87-F204 Datasheet HTML 3Page - ITT Industries DASFX-25P-K87-F204 Datasheet HTML 4Page - ITT Industries DASFX-25P-K87-F204 Datasheet HTML 5Page - ITT Industries DASFX-25P-K87-F204 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Cannon Speedy D
IDC contacts
5
Dimensions shown in mm
Specifications and dimensions subject to change.
www.ittcannon.com
Receptacle
No. of
contacts
Through-hole
Float mount
Clinch nut 4–40*
9
DESF- 9
S-A197
DESFY- 9
S-A197
DESFE- 9
S-A197
15
DASF-15
S-A197
DASFY-15 S-A197
DASFE-15
S-A197
25
DBSF-25
S-A197
DBSFY-25
S-A197
DBSFE-25
S-A197
37
DCSF-37
S-1A97
DCSFY-37 S-A197
DCSFE-37
S-A197
or metric thread replace E by X
Plugs
(pin connector only)
No. of
contacts
with grounding indents
Float mount
Clinch nut 4–40*
9
DESF- 9P-K87
DESFY- 9P-K87
DESFE-9P-K87
15
DASF-15P-K87
DASFY-15P-K87
DASFE-15P-K87
25
DBSF-25P-K87
DBSFY-25P-K87
DBSFE-25P-K87
37
DCSF-37P-K87
DCSFY-37P-K87
DCSFE-37P-K87
or metric thread replace E by X
Performance class
Performance class 1: A190 into order ref.
Performance class 2: A191 into order ref.
e.g.DESF—9P-A190-K87 or
DESF—9S-A191-A197
Cable strain relief
No. of contact
Order No.
9
029-8757-009
15
029-8757-015
25
029-8758-025
37
029-8757-037


Similar Part No. - DASFX-25P-K87-F204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DAS001 STMICROELECTRONICS-DAS001 Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
Teledyne Technologies I...
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
   1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
logo
Analog Devices
DAS1151 AD-DAS1151 Datasheet
1Mb / 4P
   LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
   LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
More results

Similar Description - DASFX-25P-K87-F204

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com