Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T51556 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72T51556
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51556 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72T51556 Datasheet HTML 1Page - Integrated Device Technology IDT72T51556 Datasheet HTML 2Page - Integrated Device Technology IDT72T51556 Datasheet HTML 3Page - Integrated Device Technology IDT72T51556 Datasheet HTML 4Page - Integrated Device Technology IDT72T51556 Datasheet HTML 5Page - Integrated Device Technology IDT72T51556 Datasheet HTML 6Page - Integrated Device Technology IDT72T51556 Datasheet HTML 7Page - Integrated Device Technology IDT72T51556 Datasheet HTML 8Page - Integrated Device Technology IDT72T51556 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T51546/72T51556 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 and 2,359,296 bits
ADVANCE
INFORMATION
D14
A
D13
D12
D10
Q9
D7
Q6
D4
Q3
D1
ID1
TCK
TDO
Q12
Q14
Q15
D15
B
D16
D11
D9
Q8
D6
Q5
D3
Q2
D0
ID0
TMS
TDI
Q11
Q13
Q19
D17
C
D18
D19
D8
Q7
D5
Q4
D2
Q1
TRST
Q0
IOSEL
ID2
Q10
Q17
Q18
D20
D
D21
D22
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
Q16
Q21
Q20
D23
E
D24
D25
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
GND
GND
Q24
Q23
Q22
D26
F
D27
D28
VDDQ
VDDQ
VCC
VCC
GND
GND
GND
GND
GND
GND
Q27
Q26
Q25
D29
G
D30
D31
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
Q30
Q29
Q28
D32
H
D33
D34
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
Q33
Q32
Q31
GND
J
NULL-Q
D35
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
PKT
Q35
Q34
PD
K
GND
VREF
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
MAST
FM
SI
L
DFM
DF
VDDQ
VDDQ
VCC
VCC
GND
GND
GND
GND
GND
GND
BM
IW
OW
SENO
M
SENI
SO
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
GND
GND
OE
RDADD0 RDADD1
WRADD1
N
WRADD0
SCLK
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
RDADD2 RDADD3 RDADD4
WRADD4
P
WRADD3 WRADD2
WADEN
PAE3
PAF3
PAE6
PAF6
PAE7
PAF7
PAE
FF
OV
RDADD5 RDADD6 RDADD7
WRADD6
R
WRADD5 FSYNC
FSTR
PAE2
PAF2
PAE5
PAF5
EREN
PAF4
ERCLK
PAF
PR
RADEN
ESTR
ESYNC
WRADD7
T
FXI
FXO
PAF0
PAE1
PAF1
PAE4
WEN
REN
WCLK
RCLK
PRS
MRS
PAE0
12
3
4
13
512
611
710
8
9
14
15
16
5998 drw03
A1 BALL PAD CORNER
EXO
EXI
PIN CONFIGURATION
PBGA (BB256-1, order code: BB)
TOP VIEW


Similar Part No. - IDT72T51556

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51553 IDT-IDT72T51553 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T51553L5BB IDT-IDT72T51553L5BB Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T51553L5BBI IDT-IDT72T51553L5BBI Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T51553L6BB IDT-IDT72T51553L6BB Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T51553L6BBI IDT-IDT72T51553L6BBI Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
More results

Similar Description - IDT72T51556

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com