Electronic Components Datasheet Search |
|
IDT70T9159L7BF1 Datasheet(PDF) 7 Page - Integrated Device Technology |
|
IDT70T9159L7BF1 Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 16 page 6.42 IDT70T9169/59L High-Speed 2.5V 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM Industrial and Commercial Temperature Ranges 7 Preliminary AC Test Conditions Figure 2. Typical Output Derating (Lumped Capacitive Load). Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 2.5V 2ns Max. 1.25V 1.25V Figures 1 and 2 5654 tbl 10 ∆ Capacitance (pF) from AC Test Load ∆ tCD (Typical, ns) 5654 drw 06 1.25V 50 Ω 50 Ω 5654 drw 04 10pF / 5pF* (Tester) DATAOUT , *(For tCKLZ, tCKHZ, tOLZ, and tOHZ). Figure 1. AC Output Test load. |
Similar Part No. - IDT70T9159L7BF1 |
|
Similar Description - IDT70T9159L7BF1 |