Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E112MD1V81GE Datasheet(PDF) 6 Page - ITT Industries

Part # E112MD1V81GE
Description  Sealed Momentary Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E112MD1V81GE Datasheet(HTML) 6 Page - ITT Industries

  E112MD1V81GE Datasheet HTML 1Page - ITT Industries E112MD1V81GE Datasheet HTML 2Page - ITT Industries E112MD1V81GE Datasheet HTML 3Page - ITT Industries E112MD1V81GE Datasheet HTML 4Page - ITT Industries E112MD1V81GE Datasheet HTML 5Page - ITT Industries E112MD1V81GE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
A–49
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K E010 Series
Sealed Momentary Pushbutton Switches
AVAILABLE HARDWARE
.450 SQ.
(11,43)
.195
(4,95)
.240
(6,10)
TYPICAL APPLICATION
Above frames (part nos. 432XXXXXX) are also available with insert which accepts LED for
indicator light assembly. Order insert separately from frame. Blank insert panel (without hole
for LED) also available. LED not included.
Special colors, custom markings available, consult Customer Service Center.
PANEL INSERT
WITH HOLE FOR LED
PART NO.
894901000
894902000
894903000
BLANK PANEL INSERT
WITHOUT HOLE FOR LED
PART NO.
476601000
WHITE
476602000
BLACK
476603000
RED
.047" (1,19) PANEL THK.
PART NO.
432501000
432502263
432503000
.062" (1,57) PANEL THK.
PART NO.
432601000
432602263
432603000
.090" (2,29) PANEL THK.
PART NO.
432701000
432702263
432703000
.125" (3,18) PANEL THK.
PART NO.
432801000
WHITE
432802263
BLACK
432803000
RED
Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC
mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and
frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte.
Panel Inserts
Cap, Snap-fitting plunger
PART NO.
894001000
WHITE
894002000
BLACK
894003000
RED
Material: Nylon
Finish: Gloss
Cap, Snap-fitting plunger
PART NO.
894101000
WHITE
894102000
BLACK
894103000
RED
Material: Nylon
Finish: Gloss
Cap
PART NO.
484601000
WHITE
484602000
BLACK
484603000
RED
Material: Nylon
Finish: Gloss
PART NO.
798201000
WHITE
798202263
BLACK
798203000
RED
Material: Nylon
Finish: Matte
NOTE: Additional nuts, locking rings and lockwashers available separately, see section “Technical Data and Additional Hardware”.
Other cap colors available, consult Customer Service Center.
A


Similar Part No. - E112MD1V81GE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E112 GILWAY-E112 Datasheet
1Mb / 17P
   Miniature LEDs
logo
MicroPower Direct, LLC
E112 MPD-E112 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Pulse A Technitrol Comp...
E112 PULSE-E112 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
E112 PULSE-E112 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
3M Electronics
E1120 3M-E1120 Datasheet
1Mb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
More results

Similar Description - E112MD1V81GE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com