Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8698ELJTR-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8698ELJTR-T
Description  Wide Input Voltage 3.0 A Step Down Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8698ELJTR-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8698ELJTR-T Datasheet HTML 4Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 5Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 6Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 7Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 8Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 9Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 10Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 11Page - Allegro MicroSystems A8698ELJTR-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Wide Input Voltage 3.0 A Step Down Regulator
A8698
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
the connection. The Rr should be much larger than the feedback
resistor to prevent any potential offset in output voltage. For
example, if Rf < 10 kΩ, Rr should be 1 MΩ. Cr should be selected
based on the following equation:
=
Cr(max)
(VIN(min) – VFB) × tON(min)
0.05 × Rr
(5)
where Cr is in pF, tON(min) is in μs, and Rr is in MΩ.
RTSET Selection. Correct selection of RTSET values will
ensure that minimum on-time of the switcher is not violated and
prevent the switcher from cycle skipping. For a given VIN to
VOUT ratio, the RTSET value must be greater than or equal to the
value defined by the curve in the plot below.
Note. The curve represents the minimum RTSET value. When
calculating RTSET, be sure to use VIN(max) / VOUT(min). Resistor
tolerance should also be considered, so that under no operating
conditions the resistance on the TSET pin is allowed to go below
the minimum value.
FB Resistor Selection. The impedance of the FB network
should be kept low to improve noise immunity. Large value resis-
tors can pick up noise generated by the inductor, which can affect
voltage regulation of the switcher.
RTSET (k )
Violation of
Minimum On-Time
Safe Operating Area
Minimum
V
alue
of
R
TSET
13.0
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0


Similar Part No. - A8698ELJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8697 ALLEGRO-A8697 Datasheet
613Kb / 12P
   Wide Input Voltage 4.0 A Step Down Regulator
A8697ELJ-T ALLEGRO-A8697ELJ-T Datasheet
613Kb / 12P
   Wide Input Voltage 4.0 A Step Down Regulator
A8697ELJTR-T ALLEGRO-A8697ELJTR-T Datasheet
613Kb / 12P
   Wide Input Voltage 4.0 A Step Down Regulator
More results

Similar Description - A8698ELJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8498 ALLEGRO-A8498 Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
A8697 ALLEGRO-A8697 Datasheet
613Kb / 12P
   Wide Input Voltage 4.0 A Step Down Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
logo
Linear Technology
LT1676 LINER-LT1676 Datasheet
135Kb / 16P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com